Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS630701 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS630701
Description  2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS630701 Datasheet(HTML) 2 Page - Texas Instruments

  TPS630701 Datasheet HTML 1Page - Texas Instruments TPS630701 Datasheet HTML 2Page - Texas Instruments TPS630701 Datasheet HTML 3Page - Texas Instruments TPS630701 Datasheet HTML 4Page - Texas Instruments TPS630701 Datasheet HTML 5Page - Texas Instruments TPS630701 Datasheet HTML 6Page - Texas Instruments TPS630701 Datasheet HTML 7Page - Texas Instruments TPS630701 Datasheet HTML 8Page - Texas Instruments TPS630701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
TPS63070
TPS630701
SLVSC58A – JUNE 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS63070 TPS630701
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings ............................................................ 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information ................................................. 5
7.5
Electrical Characteristics........................................... 6
7.6
Typical Characteristics .............................................. 8
8
Detailed Description .............................................. 9
8.1
Overview ................................................................... 9
8.2
Functional Block Diagram TPS63070 ....................... 9
8.3
Functional Block Diagram TPS630701 ................... 10
8.4
Feature Description................................................. 10
8.5
Device Functional Modes........................................ 14
9
Application and Implementation ........................ 16
9.1
Application Information............................................ 16
9.2
Typical Application for adjustable version .............. 16
9.3
Typical Application for Fixed Voltage Version ....... 24
10
Power Supply Recommendations ..................... 28
10.1
Thermal Information .............................................. 28
11
Layout................................................................... 29
11.1
Layout Guidelines ................................................. 29
11.2
Layout Example .................................................... 29
12
Device and Documentation Support ................. 30
12.1
Device Support .................................................... 30
12.2
Related Links ........................................................ 30
12.3
Receiving Notification of Documentation Updates 30
12.4
Community Resources.......................................... 30
12.5
Trademarks ........................................................... 30
12.6
Electrostatic Discharge Caution ............................ 30
12.7
Glossary ................................................................ 30
13
Mechanical, Packaging, and Orderable
Information ........................................................... 31
4 Revision History
Changes from Original (June 2016) to Revision A
Page
Added full Production Data .................................................................................................................................................... 1


Similar Part No. - TPS630701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS630701 TI1-TPS630701 Datasheet
2Mb / 42P
[Old version datasheet]   2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
TPS630701RNMR TI1-TPS630701RNMR Datasheet
2Mb / 42P
[Old version datasheet]   2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
TPS630701RNMT TI1-TPS630701RNMT Datasheet
2Mb / 42P
[Old version datasheet]   2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
More results

Similar Description - TPS630701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63070 TI1-TPS63070_19 Datasheet
2Mb / 42P
[Old version datasheet]   2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
TPS552882 TI-TPS552882 Datasheet
2Mb / 34P
[Old version datasheet]   TPS552882 36-V, 16-A Buck-boost Converter
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
[Old version datasheet]   16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS552882-Q1 TI-TPS552882-Q1 Datasheet
3Mb / 41P
[Old version datasheet]   TPS552882-Q1 36-V, 16-A Buck-boost Converter
TPS552882-Q1 TI-TPS552882-Q1_V01 Datasheet
3Mb / 44P
[Old version datasheet]   TPS552882-Q1 36-V, 16-A Buck-boost Converter
DECEMBER 2021
TPS55288 TI1-TPS55288 Datasheet
1,010Kb / 45P
[Old version datasheet]   TPS55288 36-V, 16-A Buck-boost Converter with I2C Interface
TPS63060 TI-TPS63060_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6306x High Input Voltage, Buck-Boost Converter With 2-A Switch Current
TPS55288-Q1 TI-TPS55288-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   TPS55288-Q1 36-V, 16-A Buck-boost Converter with I2C Interface
TPS55288-Q1 TI-TPS55288-Q1_V01 Datasheet
3Mb / 60P
[Old version datasheet]   TPS55288-Q1 36-V, 16-A Buck-boost Converter with I2C Interface
DECEMBER 2021
logo
Rohm
BD83070GWL ROHM-BD83070GWL Datasheet
2Mb / 25P
   Synchronous Buck-Boost DC/DC Converter with 2 A Switches (VIN = 2.0 V to 5.5 V, 1ch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com