Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSME-A100 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HSME-A100
Description  Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSME-A100 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HSME-A100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSME-A100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSME-A100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSME-A100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSME-A100 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSME-A100 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSME-A100 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSME-A100 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSME-A100 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
9
Figure 8a. Recommended SnPb reflow soldering profile.
240°C MAX.
20 SEC. MAX.
3°C/SEC.
MAX.
120 SEC. MAX.
TIME
183°C
100-150°C
–6°C/SEC.
MAX.
60-150 SEC.
3°C/SEC. MAX.
Figure 7. Radiation Pattern.
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.2
0.4
-70
-50
-30
0
20 305070
90
-90
-20
-80
-60
-40
-10
10
40
60
80
Figure 9. Recommended wave soldering profile.
-0.3
-100
TEMPERATURE – °C
0.5
0.4
0.2
0.1
0
-0.2
150
50
-50
0
100
-0.1
0.3
GaP/AlGaAs/
AlInGaP
InGaN/GaN
Figure 6. Forward voltage shift vs. temperature.
Figure 8b. Recommended Pb-free reflow soldering profile.
LAMINAR WAVE
BOTTOM SIDE
OF PC BOARD
HOT AIR KNIFE
TURBULENT WAVE
FLUXING
PREHEAT
010
20
30
50
100
150
200
250
30
40
50
TIME – SECONDS
60
70
80
90
100
TOP SIDE OF
PC BOARD
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
PREHEAT SETTING = 150
°C (100°C PCB)
SOLDER WAVE TEMPERATURE = 245
°C
AIR KNIFE AIR TEMPERATURE = 390
°C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
AIR KNIFE ANGLE = 40
°
SOLDER: SN63; FLUX: RMA
NOTE: ALLOW FOR BOARDS TO BE SUFFICIENTLY COOLED
BEFORE EXERTING MECHANICAL FORCE.
Figure 10. Recommended soldering pad pattern.
2.60
4.50
1.50
;;
;;
;;;
;;
;;
SOLDER RESIST
217
°C
200
°C
60 - 120 SEC.
6
°C/SEC. MAX.
3
°C/SEC. MAX.
(Acc. to J-STD-020C)
3
°C/SEC. MAX.
150
°C
255 - 260
°C
100 SEC. MAX.
10 to 30 SEC.
TIME


Similar Part No. - HSME-A100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSME-A100 HP-HSME-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
HSME-A100 BOARDCOM-HSME-A100 Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSME-A100-L01J1 HP-HSME-A100-L01J1 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSME-A100-L01J1 AVAGO-HSME-A100-L01J1 Datasheet
330Kb / 13P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
HSME-A100-L01J1 BOARDCOM-HSME-A100-L01J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
More results

Similar Description - HSME-A100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMA-A160-Q00J1 HP-HSMA-A160-Q00J1 Datasheet
273Kb / 11P
   Agilent HSMx-A16x-xxxxx PLCC-2 Surface Mount LED Indicator Black Surface Tinted
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A100-P70J1 AVAGO-HSMC-A100-P70J1 Datasheet
301Kb / 13P
   PLCC-2, Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMS-A100-J00J1 BOARDCOM-HSMS-A100-J00J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
HSMX-A10X-XXXXX BOARDCOM-HSMX-A10X-XXXXX Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
ASMT-UWB1-NX302 BOARDCOM-ASMT-UWB1-NX302 Datasheet
780Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UWB2-NX302 AVAGO-ASMT-UWB2-NX302 Datasheet
352Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-NX302 AVAGO-ASMT-UWB1-NX302 Datasheet
118Kb / 8P
   OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-ZX302 AVAGO-ASMT-UWB1-ZX302 Datasheet
477Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
logo
Broadcom Corporation.
ASMT-UWB1-NXXXX BOARDCOM-ASMT-UWB1-NXXXX Datasheet
726Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
June 5, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-A100-J00J1 AVAGO-HSMS-A100-J00J1 Datasheet
356Kb / 13P
   PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com