Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC856ALT3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # BC856ALT3
Description  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC856ALT3 Datasheet(HTML) 5 Page - ON Semiconductor

  BC856ALT3 Datasheet HTML 1Page - ON Semiconductor BC856ALT3 Datasheet HTML 2Page - ON Semiconductor BC856ALT3 Datasheet HTML 3Page - ON Semiconductor BC856ALT3 Datasheet HTML 4Page - ON Semiconductor BC856ALT3 Datasheet HTML 5Page - ON Semiconductor BC856ALT3 Datasheet HTML 6Page - ON Semiconductor BC856ALT3 Datasheet HTML 7Page - ON Semiconductor BC856ALT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BC856ALT1 Series
http://onsemi.com
5
Figure 13. Thermal Response
t, TIME (ms)
1.0
2.0
5.0
1.0
0.5
0.2
0.1
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
20
50
10
200
500
100
1.0k
2.0k
5.0k 10k
Figure 14. Active Region Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (V)
−200
−1.0
TA = 25°C
D = 0.5
0.2
0.1
0.05
SINGLE PULSE
SINGLE PULSE
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
3 ms
TJ = 25°C
ZqJC(t) = r(t) RqJC
RqJC = 83.3°C/W MAX
ZqJA(t) = r(t) RqJA
RqJA = 200°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
t1
t2
P(pk)
DUTY CYCLE, D = t1/t2
−100
−50
−10
−5.0
−2.0
−5.0
−10
−30 −45 −65 −100
1 s
BC558, BC559
BC557
BC556
The safe operating area curves indicate IC−VCE limits of
the transistor that must be observed for reliable operation.
Collector load lines for specific circuits must fall below the
limits indicated by the applicable curve.
The data of Figure 14 is based upon TJ(pk) = 150°C; TC or
TA is variable depending upon conditions. Pulse curves are
valid for duty cycles to 10% provided TJ(pk) ≤ 150°C. TJ(pk)
may be calculated from the data in Figure 13. At high case or
ambient temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by the secondary breakdown.


Similar Part No. - BC856ALT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC856ALT3G ONSEMI-BC856ALT3G Datasheet
172Kb / 7P
   General Purpose Transistors PNP Silicon
August, 2009 ??Rev. 11
BC856ALT3G ONSEMI-BC856ALT3G Datasheet
154Kb / 7P
   General Purpose Transistors
October, 2016 ??Rev. 15
logo
First Silicon Co., Ltd
BC856ALT3G FS-BC856ALT3G Datasheet
179Kb / 8P
   General Purpose Transistors
More results

Similar Description - BC856ALT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com