Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2941A-201 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # U2941A-201
Description  Voltage and current programming and readback
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U2941A-201 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button U2941A-201 Datasheet HTML 6Page - Agilent(Hewlett-Packard) U2941A-201 Datasheet HTML 7Page - Agilent(Hewlett-Packard) U2941A-201 Datasheet HTML 8Page - Agilent(Hewlett-Packard) U2941A-201 Datasheet HTML 9Page - Agilent(Hewlett-Packard) U2941A-201 Datasheet HTML 10Page - Agilent(Hewlett-Packard) U2941A-201 Datasheet HTML 11Page - Agilent(Hewlett-Packard) U2941A-201 Datasheet HTML 12Page - Agilent(Hewlett-Packard) U2941A-201 Datasheet HTML 13Page - Agilent(Hewlett-Packard) U2941A-201 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
9
U2941A Parametric Test Fixture
Increase your parametric test
efficiency and usability
The Agilent U2941A parametric test
fixture is designed to complement
usage of the Agilent U2722A/U2723A
USB modular source measure unit in
the testing of semiconductor com-
ponents, including SMT and DIP ICs.
The U2941A comes with three input
channels, a common ground, and five
types of socket modules of various
pin configurations.
The bundled Agilent Parametric
Measurement Manager (PMM)
software also supports the Agilent
U2751A USB modular switch matrix
when used with the U2722A. The
PMM software allows for out-of-box
configuration of instruments for easy
set-up, simplifying discrete package
component testing and enabling data
recording.
Figure 3. Sample setup of the U2941A connected directly to the U2722A source measure
unit and fastened with the DIP socket module.
Black plastic fasteners
Socket modules
Figure 4. Socket modules are interchangeable to match pin configuration of
device-under-test (DUT).
Features
• Closed lid minimizes ESD on sensitive circuits and components
• Up to 3 source/measure channels supported
• Different socket modules to match a wide variety of pin configurations
• Assembly Teflon plate for low-current measurements
• Comes with the Agilent Parametric Measurement Manager software


Similar Part No. - U2941A-201

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U2941A KEYSIGHT-U2941A Datasheet
1Mb / 6P
   Parametric Test Fixture
More results

Similar Description - U2941A-201

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
logo
List of Unclassifed Man...
27-400 ETC-27-400 Datasheet
1Mb / 77P
   Assembly Documentation and Programming
logo
STMicroelectronics
UM0225 STMICROELECTRONICS-UM0225 Datasheet
2Mb / 57P
   Configuration and programming software
logo
Maxim Integrated Produc...
MAXREFDES100HDK MAXIM-MAXREFDES100HDK Datasheet
439Kb / 5P
   Programming and Debug Adapter
logo
Linear Technology
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
logo
List of Unclassifed Man...
QV400D ETC2-QV400D Datasheet
785Kb / 73P
   SOUND DEVELOPMENT AND PROGRAMMING TOOL
logo
Linear Technology
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
logo
PHOENIX CONTACT
2865078 PHOENIX-2865078 Datasheet
82Kb / 5P
   Programming during operation and also voltage-free using IFS-USB-PROG-ADAPTER programming adapter
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101 Datasheet
117Kb / 15P
   VOLTAGE AND CURRENT CONTROLLER
logo
Interpion semiconductor
IP103H INTERPION-IP103H Datasheet
232Kb / 11P
   Voltage and Current Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com