Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1184A Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # U1184A
Description  Agilent U1250 Series Handheld Digital Multimeters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1184A Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  U1184A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1184A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1184A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1184A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1184A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1184A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1184A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1184A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1184A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
FUNCTION
RANGE
RESOLUTION
TEST CURRENT/
BURDEN VOLTAGE
ACCURACY ± (% of reading + No. of Least Significant Digit)
U1251A/U1251B
U1252A/52B/53A/53B
VOLTAGE(1)
50.000 mV
0.001 mV
-
0.05 + 50[2]
0.05 + 50[2]
500.00 mV
0.01 mV
-
0.03 + 5
0.025 + 5
1000.0 mV
0.1 mV
-
5.0000 V
0.0001 V
-
50.000 V
0.001 V
-
500.00 V
0.01 V
-
0.03 + 5
1000.0 V
0.1 V
-
RESISTANCE(8)
500.00 W[3]
0.01 W
1.04 mA
0.08 +10
0.05 + 10
5.0000 kW[3]
0.0001 kW
416 µA
0.08 + 5
0.05 + 5
50.000 kW
0.001 kW
41.2 µA
500.00 kW
0.01 kW
4.12 µA
5.0000 MW
0.0001 MW
375 nA
0.2 + 5
0.15 +5
50.000 MW[4]
0.001 MW
187 nA
1 + 10
1 + 5
500.00 MW[4]
0.01 MW
187 nA
N/A
3+10 < 200 MW / 8+10 > 200 MW
500.00 nS[5]
0.01 nS
187 nA
1 + 20
1 + 10
CURRENT
500.00 µA
0.01 µA
0.06 V (100 W)
0.1 + 5[6]
0.05 + 5[6]
5000.0 µA
0.1 µA
0.6 V (100 W)
50.000 mA
0.001 mA
0.09 V (1 W)
0.2 + 5[6]
0.15 + 5[6]
440.00 mA
0.01 mA
0.9 V (1 W)
5.0000 A
0.0001 A
0.2 V (0.01 W)
0.3 + 10
0.3 + 10
10.000 A[7]
0.001 A
0.4 V (0.01 W)
0.3 + 5
DIODE TEST(8)
-
0.1 mV
1.04 mA
0.05 + 5
DC SPECIFICATIONS
[1] Input impedance: Refer to Table A on page 8.
[2] The accuracy could be 0.05% + 10 for U1251A and 0.05% + 5 for U1252A/3A. Always use the NULL function to zero out the thermal effect before measuring the signal.
[3] The accuracy of 500 W and 5 kW is specified after NULL function, which is used to subtract the test lead resistance and the thermal effect.
[4] For the range of 50 MW and 500 MW, the R.H. is specified for <60%.
[5] The accuracy is specified for <50 nS and after NULL function with open test lead.
[6] Always use the NULL function to zero out thermal effect with open test lead before measuring the signal. If the NULL function is not used, an additional 20 counts
needs to be added to the DC current accuracy. Thermal effect could occur due to the following:
• Wrong operation to measure the high voltage of 50 V ~ 1000 V for resistance, diode, and mV measurements.
• After battery-charging has completed.
• After measuring a current greater than 440 mA, it is suggested that the meter be left to cool down for twice the measuring time used.
[7] Current can be measured up to 10 A continuously. An additional 0.5% needs to be added to the specified accuracy if the signal measured is in the range of 10 A~20 A
for 30 seconds maximum. After measuring a current of > 10 A, leave the meter to cool down for twice the measuring time used before application of low current
measurement.
[8] Maximum open voltage: <+ 4.2V.
U1251A/U1251B AC SPECIFICATIONS
FUNCTION
RANGE
RESOLUTION
ACCURACY ± (% of reading + No. of Least Significant Digit)
FREQUENCY
30 Hz ~ 45 Hz
45 Hz ~ 1 kHz
1 kHz ~ 10 kHz
10 kHz ~ 30 kHz
TRUE RMS AC
VOLTAGE[1] [2]
50.000 mV
0.001 mV
1.0+60
0.6+40
1.0+40
1.6+60
500.00 mV
0.01 mV
0.6+25
1000.0 mV
0.1 mV
1.0+25
1.6+40
5.0000 V
0.0001 V
50.000 V
0.001 V
500.00 V
0.01 V
1.6+40[3]
1000.0 V
0.1 V
0.6+40
1.0+40
N/A


Similar Part No. - U1184A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1184A HP-U1184A Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
U1184A HP-U1184A Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
More results

Similar Description - U1184A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1252B KEYSIGHT-U1252B Datasheet
2Mb / 15P
   U1250 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com