Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1731P Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # U1731P
Description  Take your expectations higher with the latest LCR meters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1731P Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  U1731P Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2
Features
Key features
• 20,000 counts resolution
• 0.2% basic accuracy
• Wide LCR ranges with three to five
selectable test frequencies (up to
100 kHz for U1733C)
• Auto identification (Ai)
automatically determines and
displays component type and
measurements
• Detailed component analysis with
DCR, ESR, Z, D, Q, and θ functions
• Battery life of 16 hours/
AC-powered
• IR-to-USB connectivity for data
logging to PC
Frequency up to 100 kHz
The test frequency now extends
as high as 100 kHz, providing more
flexibility to test a wider range of
components. A higher test frequency,
for example 100 kHz, is useful for
applications such as testing alumi-
num electrolytic capacitors used in
switching power supply circuits.
Automated identification
With Ai the testing and measuring
experience is easy; eliminating unnec-
essary trial and error time—with just
a single push of a button. This unique
feature automatically specifies L, C,
or R with parallel and series mode,
without the need to manually change
buttons.
Detailed component analysis
The handheld LCR meters allows
you to test various component types,
including secondary components
of Dissipation Factor (D), Quality
Factor (Q), and Angle Indication of
Impedance (θ). This new handheld
series also includes other func-
tions that result in a more detailed
component analysis. For example, the
built-in Equivalent Series Resistance
(ESR) function helps you better
understand the inherent resistance
behavior typically found in capacitors
across selected frequencies. DCR is a
built-in DC resistance measurement
that eliminates the use of a separate
digital multimeter (DMM) for compo-
nent test.
Figure 1. Automate the recording of continuous readings when you hook the U1731C/U1732C/U1733C to a PC


Similar Part No. - U1731P

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1731P HP-U1731P Datasheet
502Kb / 11P
   Take your expectations higher with the latest LCR meters
More results

Similar Description - U1731P

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1730C KEYSIGHT-U1730C Datasheet
2Mb / 11P
   Take your expectations higher with the latest LCR meters
logo
Agilent(Hewlett-Packard...
U1730C HP-U1730C Datasheet
502Kb / 11P
   Take your expectations higher with the latest LCR meters
logo
IET Labs Inc.
1920 IET-1920 Datasheet
459Kb / 3P
   Precision LCR Meters
June 2022
logo
Keysight Technologies
U1732C KEYSIGHT-U1732C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
U1731C KEYSIGHT-U1731C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
U1733C KEYSIGHT-U1733C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
logo
B&K Precision Corporati...
878B BK-878B Datasheet
1Mb / 8P
   40,000-Count Dual-Display Handheld LCR Meters
logo
Microchip Technology
AN939 MICROCHIP-AN939 Datasheet
432Kb / 18P
   Designing Energy Meters with the PIC16F873A
2005
logo
Keysight Technologies
B1542A KEYSIGHT-B1542A Datasheet
405Kb / 2P
   Renew Your B1500A/B1505A Device Analyzer Mainframe for the Latest Windows and PC Configuration
logo
Nippon Precision Circui...
APMA160ARA560MF35S NPC-APMA160ARA560MF35S Datasheet
588Kb / 3P
   Low profile and higher capacitance with the new structure.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com