Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1731P Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # U1731P
Description  Take your expectations higher with the latest LCR meters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1731P Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button U1731P Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 9Page - Agilent(Hewlett-Packard) U1731P Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
5
Inductance
Range
Resolution
Accuracy = AL + Offset
U1731C/U1732C/U1733C
U1732C/U1733C
U1733C
100 Hz
120 Hz
1 kHz
10 kHz
100 kHz
20 μH
0.001 μH
NA
NA
NA
1.0% + 5
2.5% + 20
200 μH
0.01μH
NA
NA
1.0% + 5
0.7% + 3
2.5% + 20
2000 μH
0.1 μH
0.7% + 10
0.7% + 10
0.5% + 3
0.5% + 3
0.8% + 20
20 mH
0.001 mH
0.5% + 3
0.5% + 3
0.2% + 3
0.3% + 3
0.8% + 10
200 mH
0.01 mH
0.5% + 3
0.5% + 3
0.2% + 3
0.2% + 3
1.0% + 10
2000 mH
0.1 mH
0.2% + 3
0.2% + 3
0.2% + 3
0.5% + 5
1.0% + 10
20 H
0.001 H
0.2% + 3
0.2% + 3
0.5% + 5
1.0% + 5
2.0% + 10
200 H
0.01 H
0.7% + 5
0.7% + 5
1.0% + 5
2.0% + 8
NA
2000 H
0.1 H
1.0% + 5
1.0% + 5
2.0% + 8
NA
NA
Phase Angle of Impedance
Range
Resolution
Accuracy (θe)
Condition
–180° ~180°
0.1°/1°
(AZ + Offset/Zx) x180/π
D < 1 or Q > 1
Impedance
Zx
AZ
Offset
θe
1999.9 Ω
19999
0.2%
3
±0.12 °
199.9 Ω
1999
0.2%
3
±0.20 °
19.9 Ω
199
0.2%
3
±0.98 °
1.9 Ω
19
0.2%
3
±9.16 °
Notes:
a. Specifications are applicable to all models (U1731C, U1732C, and U1733C) unless specified
b. The “AZ” and Offset are the accuracy specified at impedance
c. The “π” is approximately 3.14159
Dissipation/Quality Factor
Function
Range
Accuracy (De)
Condition
Z
0.001~999
AZ + Offset/Zx x 100% + 3
D < 1 or Q > 1
L
0.001~999
AL + Offset/Lx x 100% + 3
D < 1 or Q > 1
C
0.001~999
AC + Offset/Cx x 100% + 3
D < 1 or Q > 1
Capacitance
Cx
AC
Offset
De
88.88 μF
8888
0.2%
3
0.203% + 3
Notes:
1. Specifications are applicable to all models (U1731C, U1732C, and U1733C) unless specified
2. The “AZ, AL, AC” and Offset are the accuracy specified at Impedance, Inductance, and Capacitance, respectively
3. The Zx, Lx, and Cx are the display count of the reading. For example, the Cx is 8888 as if the capacitance is 88.88 μF for the range of
200 μF.
4. The Quality Factor is the reciprocal of Dissipation Factor
U1731C/U1732C/U1733C Electrical Specifications


Similar Part No. - U1731P

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1731P HP-U1731P Datasheet
502Kb / 11P
   Take your expectations higher with the latest LCR meters
More results

Similar Description - U1731P

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1730C KEYSIGHT-U1730C Datasheet
2Mb / 11P
   Take your expectations higher with the latest LCR meters
logo
Agilent(Hewlett-Packard...
U1730C HP-U1730C Datasheet
502Kb / 11P
   Take your expectations higher with the latest LCR meters
logo
IET Labs Inc.
1920 IET-1920 Datasheet
459Kb / 3P
   Precision LCR Meters
June 2022
logo
Keysight Technologies
U1732C KEYSIGHT-U1732C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
U1731C KEYSIGHT-U1731C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
U1733C KEYSIGHT-U1733C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
logo
B&K Precision Corporati...
878B BK-878B Datasheet
1Mb / 8P
   40,000-Count Dual-Display Handheld LCR Meters
logo
Microchip Technology
AN939 MICROCHIP-AN939 Datasheet
432Kb / 18P
   Designing Energy Meters with the PIC16F873A
2005
logo
Keysight Technologies
B1542A KEYSIGHT-B1542A Datasheet
405Kb / 2P
   Renew Your B1500A/B1505A Device Analyzer Mainframe for the Latest Windows and PC Configuration
logo
Nippon Precision Circui...
APMA160ARA560MF35S NPC-APMA160ARA560MF35S Datasheet
588Kb / 3P
   Low profile and higher capacitance with the new structure.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com