Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1730C Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # U1730C
Description  Take your expectations higher with the latest LCR meters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1730C Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  U1730C Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1730C Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1730C Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1730C Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1730C Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1730C Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1730C Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1730C Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1730C Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
4
U1731C/U1732C/U1733C Electrical Specifications
Accuracy is given as ±(% of reading + counts of least significant digit) at 23 °C ± 5 °C, with relative humidity less than
80%. Please refer to the User Guide about the measuring mode specified for each range of L/C/R, series or parallel mode.
Measurements performed at the test socket and necessary Open and Short corrections must prior be done. The accuracy
is verified by design and specified type tests.
Impedance/Resistance
Range
Resolution
Accuracy = AZ + Offset
U1731C/U1732C/U1733C
U1732C/U1733C
U1733C
100 Hz
120 Hz
1 kHz
10 kHz
100 kHz
DCR
2 Ω1
0.0001 Ω
0.7% + 50
0.7% + 50
0.7% + 50
0.7% + 50
1.0% + 50
0.7% + 50
20 Ω1
0.001 Ω
0.7% + 8
0.7% + 8
0.7% + 8
0.7% + 8
0.7% + 8
0.7% + 8
200 Ω1
0.01 Ω
0.2% + 3
0.2% + 3
0.2% + 3
0.2% + 3
0.5% + 5
0.2% + 3
2000 Ω
0.1 Ω
0.2% + 3
0.2% + 3
0.2% + 3
0.2% + 3
0.5% + 5
0.2% + 3
20 kΩ
0.001 kΩ
0.2% + 3
0.2% + 3
0.2% + 3
0.2% + 3
0.5% + 5
0.2% + 3
200 kΩ
0.01 kΩ
0.5% + 5
0.5% + 5
0.5% + 5
0.5% + 5
0.7% + 8
0.5% + 5
2000 kΩ
0.1 kΩ
0.5% + 5
0.5% + 5
0.5% + 5
0.7% + 5
NA
0.5% + 5
20 MΩ
0.001 MΩ
2.0% + 8
2.0% + 8
2.0% + 8
5.0% + 8
NA
2.0% + 8
200 MΩ
0.01 MΩ
6.0% + 80
6.0% + 80
6.0% + 80
NA
NA
6.0% + 80
1. This accuracy for the ranges of 2~ 200 Ω is specified after Math Null which is used to substrate the resistance of test leads and the contact
resistance.
Notes:
a. For the ranges of 20 MΩ and 200 MΩ, the R.H. is specified for < 60%
b. Resistance is specified to Q < 10 and D > 0.1, otherwise the accuracy is (AZ + Offset) x √ 1 + Q2
c. Equivalence Series Resistance (ESR) measurement is determined by impedance measurement and range. The maximum
display is up to 199.99 kΩ and the accuracy is (AZ + Offset) x √ 1 + Q2
Capacitance
Range
Resolution
Accuracy = AC + Offset
U1731C/U1732C/U1733C
U1732C/U1733C
U1733C
100 Hz
120 Hz
1 kHz
10 kHz
100 kHz
20 mF
0.001 mF
0.5% + 8
0.5% + 8
NA
NA
NA
2000 μF
0.1 μF
0.5% + 5
0.5% + 5
0.5% + 8
NA
NA
200 μF
0.01 μF
0.3% + 3
0.3% + 3
0.5% + 5
0.5% + 8
NA
20 μF
0.001 μF
0.2% + 3
0.2% + 3
0.2% + 3
0.5% + 5
5.0% + 10
2000 nF
0.1 nF
0.2% + 3
0.2% + 3
0.2% + 3
0.2% + 3
0.7% + 10
200 nF
0.01 nF
0.2% + 3
0.2% + 3
0.2% + 3
0.5% + 3
0.7% + 10
20 nF
0.001 nF
0.5% + 5
0.5% + 5
0.2% + 3
0.5% + 3
0.7% + 10
2000 pF1
0.1 pF
0.5% + 10
0.5% + 10
0.5% + 5
0.5% + 3
2.0% + 10
200 pF1
0.01 pF
NA
NA
0.5% + 10
0.8% + 10
2.0% + 10
20 pF1
0.001 pF
NA
NA
NA
1.0% + 20
2.5% + 10
1. This accuracy for the ranges of 20 pF~2000 pF is specified after Math Null which is used to substrate the stray capacitances for test leads.
Notes:
a. The accuracy for the ceramic capacitor will be influenced depending on the dielectric constant (K) of the material used to make
the ceramic capacitor. For related influence factors, please refer to the Component dependency factors section in the Impedance
Measurement Handbook, downloadable for free at http://www.agilent.com/find/lcrmeters


Similar Part No. - U1730C

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1730C KEYSIGHT-U1730C Datasheet
2Mb / 11P
   Take your expectations higher with the latest LCR meters
More results

Similar Description - U1730C

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1730C KEYSIGHT-U1730C Datasheet
2Mb / 11P
   Take your expectations higher with the latest LCR meters
logo
Agilent(Hewlett-Packard...
U1730 HP-U1730 Datasheet
523Kb / 11P
   Take your expectations higher with the latest LCR meters
logo
IET Labs Inc.
1920 IET-1920 Datasheet
459Kb / 3P
   Precision LCR Meters
June 2022
logo
Keysight Technologies
U1732C KEYSIGHT-U1732C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
U1731C KEYSIGHT-U1731C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
U1733C KEYSIGHT-U1733C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
logo
B&K Precision Corporati...
878B BK-878B Datasheet
1Mb / 8P
   40,000-Count Dual-Display Handheld LCR Meters
logo
Microchip Technology
AN939 MICROCHIP-AN939 Datasheet
432Kb / 18P
   Designing Energy Meters with the PIC16F873A
2005
logo
Keysight Technologies
B1542A KEYSIGHT-B1542A Datasheet
405Kb / 2P
   Renew Your B1500A/B1505A Device Analyzer Mainframe for the Latest Windows and PC Configuration
logo
Nippon Precision Circui...
APMA160ARA560MF35S NPC-APMA160ARA560MF35S Datasheet
588Kb / 3P
   Low profile and higher capacitance with the new structure.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com