Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1162A Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # U1162A
Description  Agilent U1240 Series Handheld Handheld
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1162A Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  U1162A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
5
DISPLAY
Dual display (secondary display is intended for temperature function display only) consists of
4-digit liquid crystal display (LCD) with maximum reading of 11,000 counts. Automatic polarity
indication.
POWER CONSUMPTION
0.22 VA maximum
BATTERY TYPE AND LIFE
4 single standard 1.5 V AAA batteries (Alkaline or Zinc Chloride type); 300 hours typical
OPERATING ENVIRONMENT
• Full accuracy at –10 °C to 55 °C; and to 80% RH for temperatures up to 30 °C, decreasing
linearly to 50% RH at 55 °C
• 0 – 2000 meters per IEC 61010-1 2nd Edition CAT III, 1000 V / CAT IV, 600 V IEC 61010-1 2nd
Edition
STORAGE COMPLIANCE
–20 oC to 70 oC
SAFETY COMPLIANCE
• IEC 61010-1:2001 / EN61010-1:2001
• Canada: CSA C22.2 No. 61010-1:2004
MEASUREMENT CATEGORY
CAT III 1000 V / CAT IV 600 V Overvoltage Protection, Pollution Degree 2
EMC COMPLIANCE
• CISPR 11:1990/EN55011:1990
• Canada: ICES-001:2004
• Australia/New Zealand: AS/NZS CISPR11:2004
COMMON MODE REJECTION RATIO (CMRR)
> 90 dB at DC, 50/60 Hz ± 0.1% (1 kW unbalanced)
NORMAL MODE REJECTION RATIO (NMRR)
> 60 dB at 50/60 Hz ± 0.1%
CREST FACTOR
< 3.0
TEMPERATURE COEFFICIENT
0.1 × (specified accuracy) / °C (from –10 °C to 18 °C or 28 °C to 55 °C)
SHOCK and VIBRATION
Tested to IEC/EN 60068-2
DIMENSIONS (HxWxD)
193.8 mm x 92.2 mm x 58.0 mm
WEIGHT
450 g with batteries
400 g without batteries
WARRANTY
3 years for main unit
3 months for standard shipped accessories
GENERAL SPECIFICATIONS


Similar Part No. - U1162A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1162A HP-U1162A Datasheet
441Kb / 17P
   Agilent U1210 Series Handheld Clamp Meters
U1162A HP-U1162A Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
U1162A HP-U1162A Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1162A HP-U1162A Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
More results

Similar Description - U1162A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1210 HP-U1210 Datasheet
441Kb / 17P
   Agilent U1210 Series Handheld Clamp Meters
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1701B HP-U1701B Datasheet
370Kb / 6P
   Agilent U1701B Handheld Capacitance Meter
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com