Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1253B Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # U1253B
Description  Agilent U1250 Series Handheld Digital Multimeters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1253B Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  U1253B Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1253B Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1253B Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1253B Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1253B Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1253B Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1253B Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1253B Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1253B Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
[1] U1253A/U1253B model
[2] U1252A/U1252B/U1253A/U1253B models
Figure 1: Automate recording of measurements with bundled
GUI data-logging software.
Do more with just one
instrument
The basic model, U1251A/U1251B,
expands your capabilities beyond typical
DMM measurements to include data
logging. The U1252A/U1252B starts with
the same foundation, and then adds a 20-
MHz frequency counter and programmable
square-wave generator — so you’d be able
to perform more tests conveniently with
one tool. What’s more: both models come
bundled with a complete set of accessories
to equip you right from the start at no extra
cost.
Offering the same functionality as the
U1252A/U1252B, the U1253A/U1253B is
the world’s first OLED handheld DMM.
You won’t have to squint to be sure you’re
reading it right: On the go or on the bench,
you’ll get crystal-clear viewing indoors, even
in dark, off-angle situations.
Find problems quickly
Troubleshooting can be tricky, especially
when you’re dealing with elusive problems.
With the U1250 Series’data logging
capability, you can ensure that every
reading gets recorded manually or at
intervals you specify. Better yet:
you can have virtually unlimited data
logging saves when you connect any of
the U1250 Series DMM to a PC with the
optional IR-to-USB cable.
In addition, the U1250 Series lets you
achieve greater confidence in your
measurements with accurate true-RMS AC
measurements, low DCV error rate of up
to 0.025% and high-resolution display of
50,000 counts.
Uncompromising ruggedness
and safety
The U1250 Series DMMs are housed in
robust overmold enclosures, rated at CAT III
1000 V and CAT IV 600 V and operate over a
wide temperature range of –20 °C to +55 °C.
Each DMM also include a 30 kA high energy
fuse to further protect you against violent
fuse failures during high-current measure-
ments. Built tough and certified to stringent
industrial standards, the U1250 DMM is what
you need to face the demands of everyday
tasks.
Superior contrast from organic LED
(OLED) display1
50,000-count dual display
Up to 0.025% basic DCV accuracy
True-RMS AC and AC+DC2
measurements
K-type and J-type2 temperature
measurements
Manual and automated (interval)
data logging; internally to DMM and
externally to PC
CAT III 1000 V and CAT IV 600 V
safety protection
Built-in 20-MHz frequency counter2
Built-in programmable square-wave
generator2
Key features
Agilent U1250 Series Handheld
Digital Multimeters
Test more – more safely
Data Sheet
The Agilent U1250 Series handheld digital
multimeters (DMMs) exceed your
expectations by delivering powerful features
and performance that meet your toughest
requirements and applications. The series’
latest multimeters, the U1251B, U1252B
and U1253B come in vivid orange cases,
offering capabilities and functions
equivalent to the U1250A Series.


Similar Part No. - U1253B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1253B KEYSIGHT-U1253B Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U1253B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1252B KEYSIGHT-U1252B Datasheet
2Mb / 15P
   U1250 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com