Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5423A Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # N5423A
Description  Segmented Memory Acquisition for Agilent InfiniiVision Series Oscilloscopes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N5423A Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  N5423A Datasheet HTML 1Page - Agilent(Hewlett-Packard) N5423A Datasheet HTML 2Page - Agilent(Hewlett-Packard) N5423A Datasheet HTML 3Page - Agilent(Hewlett-Packard) N5423A Datasheet HTML 4Page - Agilent(Hewlett-Packard) N5423A Datasheet HTML 5Page - Agilent(Hewlett-Packard) N5423A Datasheet HTML 6Page - Agilent(Hewlett-Packard) N5423A Datasheet HTML 7Page - Agilent(Hewlett-Packard) N5423A Datasheet HTML 8Page - Agilent(Hewlett-Packard) N5423A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
4
Radar and sonar burst applications
Engineers often require
segmented memory acquisition
mode in an oscilloscope when
they measure radar and/or
sonar bursts. Figure 2 shows
an example where we captured
725 consecutive 50-MHz RF
burst signals using an Agilent
InfiniiVision scope’s segmented
memory acquisition mode.
Engineers often need to compare
sent and received signals and
compare signal degradation from
echo signals. These types of RF
burst applications also require
precise time-tagging in order to
accurately compute distances.
Distance and time between
bursts can often be very long, for
example, when you are analyzing
satellite communications. If a
satellite is located 100 miles
in space away from an Earth
transmitter/receiver station,
a radar echo time (more than
200 miles round trip) would be
approximately 1.07 ms. Using
the 50-MHz RF burst shown in
Figure 2, you could easily capture
725 consecutive bursts separated
by 1.07 ms using segmented
memory. Capturing this much
time (775 ms) using conventional
oscilloscope acquisition at 1
GSa/s would require nearly
1 Gigapoints of acquisition
memory. But with the segmented
memory option in Agilent’s
InfiniiVision Series oscilloscopes,
capturing this amount of signal
data can be accomplished with
just 8 Mega points of acquisition
memory.
Figure 2: Capturing consecutive RF bursts with precise time-tagging using
segmented memory


Similar Part No. - N5423A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5423A KEYSIGHT-N5423A Datasheet
886Kb / 8P
   SPI Triggering and Hardware-based Decode
N5423A KEYSIGHT-N5423A Datasheet
4Mb / 17P
   Low-Profile Oscilloscopes
More results

Similar Description - N5423A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOX2SGM KEYSIGHT-DSOX2SGM Datasheet
3Mb / 11P
   Segmented Memory Acquisition
DSOX3SGM KEYSIGHT-DSOX3SGM Datasheet
3Mb / 11P
   Segmented Memory Acquisition
N5454A KEYSIGHT-N5454A Datasheet
3Mb / 11P
   Segmented Memory Acquisition
DSOX1204A KEYSIGHT-DSOX1204A Datasheet
1Mb / 108P
   Keysight InfiniiVision Oscilloscopes
DSOX4VID KEYSIGHT-DSOX4VID Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4154A KEYSIGHT-DSOX4154A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4032A KEYSIGHT-DSOX4032A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4052A KEYSIGHT-DSOX4052A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4054A KEYSIGHT-DSOX4054A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
1000X KEYSIGHT-1000X Datasheet
4Mb / 27P
   InfiniiVision 1000 X-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com