Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-565P8-TR2 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # MGA-565P8-TR2
Description  Agilent MGA-565P8 20 dBm Psat High Isolation Buffer Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA-565P8-TR2 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  MGA-565P8-TR2 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MGA-565P8-TR2 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MGA-565P8-TR2 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MGA-565P8-TR2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MGA-565P8-TR2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MGA-565P8-TR2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MGA-565P8-TR2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) MGA-565P8-TR2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) MGA-565P8-TR2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3
Product Consistency Distribution Charts at 2 GHz[1, 2]
Notes:
1. Statistical distribution determined from a sample size of 500 parts from 3 wafers.
2. Future wafers allocated to this product may have typical values anywhere between the minimum
and maximum specification limits.
GAIN (dB)
Figure 2. Gain Distribution.
LSL = 20.0 dB, USL = 23.5 dB.
19
23
20
21
22
24
200
160
120
80
40
0
Cpk = 1.20
Std. Dev. = 0.46
Psat (dBm)
Figure 3. Psat Distribution.
LSL = 18.5 dBm, USL = 20.6
18
19.5
18.5
19
20
20.5
21
Cpk = 1.2
Std. Dev. = 0.2
200
160
120
80
40
0
Idsat (mA)
Figure 4. Idsat Distribution.
LSL = 58.0 dBm, USL = 78.0 dBm.
58
70
62
66
74
78
160
120
80
40
0
Cpk = 1.12
Std. Dev. = 2.7
ISOLATION (dB)
Figure 5. Isolation Distribution.
LSL = 42.0 dB, USL = 56.0 dB.
42
51
45
48
54
57
240
200
160
120
80
40
0
Cpk = 1.03
Std. Dev. = 2.0


Similar Part No. - MGA-565P8-TR2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-565P8-TR2 BOARDCOM-MGA-565P8-TR2 Datasheet
312Kb / 12P
   20 dBm Psat High Isolation Buffer Amplifier
More results

Similar Description - MGA-565P8-TR2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-565P8 BOARDCOM-DEMO-MGA-565P8 Datasheet
312Kb / 12P
   20 dBm Psat High Isolation Buffer Amplifier
MGA-565P8 BOARDCOM-MGA-565P8 Datasheet
312Kb / 12P
   20 dBm Psat High Isolation Buffer Amplifier
logo
Pasternack Enterprises,...
PE15A3009 PASTERNACK-PE15A3009 Datasheet
495Kb / 5P
   Psat 28 dBm typ
logo
AVAGO TECHNOLOGIES LIMI...
MGA-565P8 AVAGO-MGA-565P8 Datasheet
312Kb / 12P
   High Isolation Buffer Amplifier
logo
RF Micro Devices
RF2301 RFMD-RF2301 Datasheet
198Kb / 10P
   HIGH ISOLATION BUFFER AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-82563-TR1G AVAGO-MGA-82563-TR1G Datasheet
169Kb / 11P
   MGA-82563 0.1??6 GHz 3 V, 17 dBm Amplifier
logo
RF Micro Devices
RF2504 RFMD-RF2504 Datasheet
92Kb / 8P
   VCO/HIGH-ISOLATION BUFFER AMPLIFIER
logo
Agilent(Hewlett-Packard...
MAG-725M4 HP-MAG-725M4 Datasheet
409Kb / 22P
   Agilent MGA-725M4 Low Noise Amplifier with Bypass Switch In Miniature Leadless Package
logo
AVAGO TECHNOLOGIES LIMI...
MGA-83563-TR1G AVAGO-MGA-83563-TR1G Datasheet
325Kb / 22P
   22 dBm PSAT 3V Power Amplifier for 0.5??6 GHz Applications
logo
Agilent(Hewlett-Packard...
MGA83563 HP-MGA83563 Datasheet
177Kb / 24P
   22 dBm PSAT 3V Power Amplifier for 0.5-6 GHz Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com