Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMD-C265 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSMD-C265
Description  Surface Mount Chip LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMD-C265 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSMD-C265 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMD-C265 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMD-C265 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMD-C265 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMD-C265 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMD-C265 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMD-C265 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMD-C265 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMD-C265 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3
Electrical Characteristics
TA = 25°C
Forward Voltage
Reverse Breakdown
Capacitance
Thermal
VF (Volts)
VR (Volts)
C (pF), VF = 0,
Resistance
@ IF = 20 mA
@ IR = 100 µA
f = 1 MHz
R
θJ-PIN (°C/W)
Part Number
Typ.
Max.
Min.
Typ.[1]
Typ.
HSMS-C265
2.1
2.6
5
8
250
HSMD-C265
2.2
2.6
5
6
250
HSMY-C265
2.1
2.6
5
7
250
HSMG-C265
2.2
2.6
5
6
250
HSMH-C265
1.8
2.6
5
18
300
Optical Characteristics
TA = 25°C
Luminous Intensity
Peak Wavelength
Dominant Wavelength
Viewing Angle
Iv (mcd) @ 20 mA[1]
λpeak (nm)
λd (nm)[2]
2
θ1/2 Degrees[3]
Part Number
Color
Min.
Typ.
Typ.
Typ.
Typ.
HSMS-C265
HER
2.5
10.0
630
626
170
HSMD-C265
Orange
2.5
8.0
605
604
170
HSMY-C265
Yellow
2.5
8.0
589
586
170
HSMG-C265
Green
4.0
15.0
570
572
170
HSMH-C265
AlGaAs
6.3
17.0
660
639
170
Notes:
1. The luminous intensity, Iv, is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis of the
lamp package.
2. The dominant wavelength,
λd, is derived from the CIE Chromatically Diagram and represents the perceived color of the device.
3.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.


Similar Part No. - HSMD-C265

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMD-C265 AVAGO-HSMD-C265 Datasheet
110Kb / 7P
   Surface Mount Chip LEDs
More results

Similar Description - HSMD-C265

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-C110 AVAGO-HSMG-C110 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com