Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3602-007 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HSDL-3602-007
Description  Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3602-007 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3602-007 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3602-007 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3602-007 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3602-007 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3602-007 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3602-007 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3602-007 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3602-007 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3602-007 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
6
Electrical & Optical Specifications
Specifications hold over the Recommended Operating Conditions unless otherwise noted. Unspecified test conditions
can be anywhere in their operating range. All typical values are at 25˚C and 3.3 V unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Receiver
Receiver Data
Logic Low
V OL
0
0.4
V
IOL = 1.0 mA,
Output Voltage
EI
≥ 3.6 µW/cm2,
θ1/2 ≤ 15˚
Logic High
VOH
VCC – 0.2 —
VCC
VIOH = –20 µA,
EI
≤ 0.3 µW/cm2,
θ1/2 ≤ 15˚
Viewing
2
θ1/2
30
Angle
Logic High Receiver Input
EIH
0.0036
500
mW/cm2 For in-band signals
Irradiance
≤ 115.2 kb/s[8]
0.0090
500
mW/cm2 0.576 Mb/s
≤ in-band
signals
≤ 4 Mb/s[8]
Logic Low Receiver Input
EIL
0.3
µW/cm2 For in-band signals[8]
Irradiance
Receiver Peak Sensitivity
λP
880
nm
Wavelength
Receiver SIR Pulse Width
tpw (SIR) 1
4.0
µs
θ1/2 ≤ 15˚[10], CL = 10 pF
Receiver MIR Pulse Width
tpw (MIR) 100
500
ns
θ1/2 ≤ 15˚[11], CL = 10 pF
Receiver FIR Pulse Width
tpw (FIR)
85
165
ns
θ1/2 ≤ 15˚[12], CL = 10 pF,
VCC = 3 to 3.6 V
190
ns
θ1/2 ≤ 15˚[12], CL = 10 pF,
VCC = 2.7 V
Receiver ASK Pulse Width
tpw (ASK)
1
µs
500 kHz/50% duty cycle
carrier ASK[13]
Receiver Latency Time for FIR
tL (FIR)
40
50
µs
Receiver Latency Time for SIR
tL (SIR)
20
50
µs
Receiver Rise/Fall Times
tr/f (RXD)
25
ns
Receiver Wake Up Time
tW
100
µs
[14]
Notes:
8. An in-band optical signal is a pulse/sequence where the peak wavelength,
λp, is defined as 850 ≤ λp ≤ 900 nm, and the pulse characteristics
are compliant with the IrDA Serial Infrared Physical Layer Link Specification.
9. Logic Low is a pulsed response. The condition is maintained for duration dependent on pattern and strength of the incident intensity.
10. For in-band signals
≤ 115.2 kb/s where 3.6 µW/cm2 ≤ EI ≤ 500 mW/cm2.
11. For in-band signals at 1.15 Mb/s where 9.0
µW/cm2 ≤ EI ≤ 500 mW/cm2.
12. For in-band signals of 125 ns pulse width, 4 Mb/s, 4 PPM at recommended 400 mA drive current.
13. Pulse width specified is the pulse width of the second 500 kHz carrier pulse received in a data bit. The first 500 kHz carrier pulse may exceed
2
µs in width, which will not affect correct demodulation of the data stream. An ASK or DASK system using the HSDL-3602 has been shown to
correctly receive all data bits for 9
µW/cm2 ≤ EI ≤ 500 mW/cm2 incoming signal strength. ASK or DASK should use the FIR channel enabled.
14. The wake up time is the time between the transition from a shutdown state to an active state, and the time when the receiver is active and
ready to receive infrared signals.
˚


Similar Part No. - HSDL-3602-007

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602-007 AVAGO-HSDL-3602-007 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602-007 LITEON-HSDL-3602-007 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - HSDL-3602-007

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3601 HP-HSDL-3601 Datasheet
685Kb / 31P
   IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3612 HP-HSDL-3612 Datasheet
356Kb / 25P
   IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com