Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL3602 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSDL3602
Description  Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL3602 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSDL3602 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
3
Transceiver Control Truth Table
Mode 0
Mode 1
FIR_SEL
RX Function
TX Function
1
0
X
Shutdown
Shutdown
0
0
0
SIR
Full Distance Power
0
1
0
SIR
2/3 Distance Power
1
1
0
SIR
1/3 Distance Power
0
0
1
MIR/FIR
Full Distance Power
0
1
1
MIR/FIR
2/3 Distance Power
1
1
1
MIR/FIR
1/3 Distance Power
X = Don't Care
Recommended Application Circuit Components
Component
Recommended Value
R1
2.2
Ω ± 5%, 0.5 Watt, for 2.7 ≤ VCC ≤ 3.3 V operation
2.7
Ω ± 5%, 0.5 Watt, for 3.0 ≤ VCC ≤ 3.6 V operation
CX1[5]
0.47
µF ± 20%, X7R Ceramic
CX2[6]
6.8
µF ± 20%, Tantalum
Notes:
5. CX1 must be placed within 0.7 cm of the HSDL-3602 to obtain optimum noise immunity.
6. In "HSDL-3602 Functional Block Diagram" on page 3 it is assumed that Vled and VCC share the
same supply voltage and filter capacitors. In case the 2 pins are powered by different supplies
CX2 is applicable for Vled and CX1 for VCC. In environments with noisy power supplies,
including CX2 on the VCC line can enhance supply rejection performance.
Transceiver I/O Truth Table
Inputs
Outputs
Transceiver Mode
FIR_SEL
TXD
EI
LED
RXD
Active
X
1
X
On
Not Valid
Active
0
0
High[1]
Off
Low[3]
Active
1
0
High[2]
Off
Low[3]
Active
X
0
Low
Off
High
Shutdown
X
X[4]
Low
Not Valid
Not Valid
X = Don't Care
EI = In-Band Infrared Intensity at detector
Notes:
1. In-Band EI
≤ 115.2 kb/s and FIR_SEL = 0.
2. In-Band EI
≥ 0.576 Mb/s and FIR_SEL = 1.
3. Logic Low is a pulsed response. The condition is maintained for duration dependent on the
pattern and strength of the incident intensity.
4. To maintain low shutdown current, TXD needs to be driven high or low and not left floating.


Similar Part No. - HSDL3602

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL3602

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3601 HP-HSDL-3601 Datasheet
685Kb / 31P
   IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3612 HP-HSDL-3612 Datasheet
356Kb / 25P
   IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com