Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8-SERIES Datasheet(PDF) 4 Page - Copal Electronics

Part # 8-SERIES
Description  Toggle Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

8-SERIES Datasheet(HTML) 4 Page - Copal Electronics

  8-SERIES Datasheet HTML 1Page - Copal Electronics 8-SERIES Datasheet HTML 2Page - Copal Electronics 8-SERIES Datasheet HTML 3Page - Copal Electronics 8-SERIES Datasheet HTML 4Page - Copal Electronics 8-SERIES Datasheet HTML 5Page - Copal Electronics 8-SERIES Datasheet HTML 6Page - Copal Electronics 8-SERIES Datasheet HTML 7Page - Copal Electronics 8-SERIES Datasheet HTML 8Page - Copal Electronics 8-SERIES Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
☆(白星)は、準標準品です。
☆:Semi-standard products.
▲は、お問い合せ品です。
▲:Inquiry products.
8A
Standard Bat Toggle Switch
■Features
The 8A series has a 10.5mm bat toggle.
■Table of Part Numbers
Terminal Style
1 pole
2 poles
3 poles
4 poles
Solder Lug
ON
ON
  8A1011−Z
☆ 8A1011C−Z
  8A2011−Z
☆ 8A2011C−Z
☆ 8A3011−Z
★ 8A3011C−Z
☆ 8A4011−Z
★ 8A4011C−Z
ON
− OFF − ON
  8A1021−Z
★ 8A1021C−Z
☆ 8A2021−Z
★ 8A2021C−Z
★ 8A3021−Z
   −
★ 8A4021−Z
  8A4021C−Z
(ON)− OFF −(ON)
☆ 8A1041−Z
★ 8A1041C−Z
☆ 8A2041−Z
8A2041C−Z
   −
8A3041C−Z
★ 8A4041−Z
8A4041C−Z
ON
− OFF −(ON)
☆ 8A1051−Z
☆ 8A1051C−Z
☆ 8A2051−Z
   −
★ 8A3051−Z
8A3051C−Z
★ 8A4051−Z
8A4051C−Z
ON
−(ON)
☆ 8A1061−Z
☆ 8A1061C−Z
☆ 8A2061−Z
☆ 8A2061C−Z
★ 8A3061−Z
8A3061C−Z
★ 8A4061−Z
8A4061C−Z
ON
− ON − ON
   −
☆ 8A2101−Z
8A2101C−Z
   −
★ 8A4101−Z
8A4101C−Z
ON
− ON −(ON)
   −
★ 8A2111−Z
8A2111C−Z
   −
★ 8A4111−Z
8A4111C−Z
(ON)− ON −(ON)
   −
★ 8A2121−Z
8A2121C−Z
   −
★ 8A4121−Z
8A4121C−Z
Straight PC
ON
ON
  8A1012−Z
☆ 8A1012C−Z
  8A2012−Z
★ 8A2012C−Z
  8A3012−Z
★ 8A3012C−Z
★ 8A4012−Z
8A4012C−Z
ON
− OFF − ON
☆ 8A1022−Z
☆ 8A1022C−Z
☆ 8A2022−Z
★ 8A2022C−Z
★ 8A3022−Z
8A3022C−Z
★ 8A4022−Z
8A4022C−Z
(ON)− OFF −(ON)
☆ 8A1042−Z
☆ 8A1042C−Z
☆ 8A2042−Z
   −
★ 8A3042−Z
8A3042C−Z
8A4042−Z
8A4042C−Z
ON
− OFF −(ON)
8A1052−Z
8A1052C−Z
☆ 8A2052−Z
8A2052C−Z
8A3052−Z
8A3052C−Z
8A4052−Z
8A4052C−Z
ON
−(ON)
★ 8A1062−Z
☆ 8A1062C−Z
☆ 8A2062−Z
8A2062C−Z
8A3062−Z
8A3062C−Z
   −
8A4062C−Z
ON
− ON − ON
   −
★ 8A2102−Z
8A2102C−Z
   −
8A4102−Z
8A4102C−Z
ON
− ON −(ON)
   −
8A2112−Z
8A2112C−Z
   −
8A4112−Z
8A4112C−Z
(ON)− ON −(ON)
   −
8A2122−Z
8A2122C−Z
   −
8A4122−Z
8A4122C−Z
RoHS Compliant
Switching Function
Number of
poles
■ Optional Accessories ………………………………… Page 415.
           Color Cap
Dimensions
Color
Part. No.
Dimensions
Color
Part. No.
White
Red
Black
Gray
140000470030
140000470098
140000470031
140000470037
White
Red
Black
Gray
140000470038
140000470100
140000470039
140000470077
■ PC Hole Layouts …… Page 414.
■ Panel Cut-Out Dimensions … Page 414.
■ Terminal Styles ……… Page 387.
■ Standard accessories … Page 414.
:Optional Accessories.
(ON)
:Momentary.
★:Made to order products.
☆:Semi-standard products.
:Inquiry products.
●For soldering and Å\_ JSLHUPUN ZWLJPÄJH[PVUZ, please refer to P.413.


Similar Part No. - 8-SERIES

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
8-SOIC BOURNS-8-SOIC Datasheet
139Kb / 4P
   8-Pin Plastic Small Outline Surface Mount
More results

Similar Description - 8-SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
7105A ETC2-7105A Datasheet
79Kb / 1P
   toggle switches
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com