Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-5120-A02 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HEDS-5120-A02
Description  Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-5120-A02 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HEDS-5120-A02 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-5120-A02 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-5120-A02 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-5120-A02 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-5120-A02 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-5120-A02 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-5120-A02 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-5120-A02 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-5120-A02 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
3
Encoding Characteristics
Encoding characteristics over
recommended operating range
and recommended mounting
Part Number
Description
Symbol
Min.
Typ.
Max.
Units
HEDS-51XX
Cycle Error
∆C
3
5.5
°e
Position Error
∆θ
10
40
min. of arc
HEDS-61XX
Cycle Error
∆C
3
5.5
°e
Position Error
∆θ
7
20
min. of arc
HEDM-512X
Cycle Error
∆C
3
7.5
°e
Position Error
∆θ
4
40
min. of arc
HEDM-61XX
Cycle Error
∆C
3
7.5
°e
Position Error
∆θ
2
20
min. of arc
HEDG-512X
Cycle Error
∆C
3
7.5
°e
Position Error
∆θ
4
30
min. of arc
HEDG-612X
Cycle Error
∆C
3
7.5
°e
Position Error
∆θ
2
15
min. of arc
Reliability
In addition to the absolute
maximum specifications of
codewheels, the environment
characteristics of the application
Glass Codewheel Tests
Test
Duration
Number of Parts
Number of Failures
Storage at 100
°C
1000 hours
44
0
Rotating at 100
°C
500 hours
10
0
Temperature Cycle: -40
°C to +100°C
500 cycles
98
0
Temperature/Humidity: 85
°C/85% R.H.
500 hours
43
0
Film Codewheel Tests
Test
Duration
Number of Parts
Number of Failures
Storage at 70
°C
1000 hours
118
0
Rotating at 70
°C
500 hours
10
0
Temperature Cycle: -40
°C to +70°C
500 cycles
66
0
Temperature Cycle: +20
°C to +40°C
1000 cycles
64
0
Temperature Cycle: +20
°C to +55°C
1000 cycles
46
0
Temperature Cycle: +20
°C to +70°C
500 cycles
50
0
tolerances unless otherwise
specified. Values are for worst
error over a full rotation. Please
refer to Encoder Module Data
Sheet for definitions of Encoding
characteristics.
are also important. For example,
consistent, large temperature
swings over the life of the product
will affect the codewheel
performance characteristics
depending on the material. The
following reliability table shows
results of lifetests under varying
conditions of temperature and
humidity.


Similar Part No. - HEDS-5120-A02

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-5120-A02 HP-HEDS-5120-A02 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
HEDS-5120-A02 HP-HEDS-5120-A02 Datasheet
241Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
More results

Similar Description - HEDS-5120-A02

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-51X0 HP-HEDS-51X0 Datasheet
241Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-51X0 AVAGO-HEDS-51X0 Datasheet
314Kb / 13P
   Two and Three Channel Codewheels for use with Avago Technologies Optical Encoder Modules
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com