Electronic Components Datasheet Search |
|
HEDS-5120-C11 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
HEDS-5120-C11 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard) |
4 / 15 page 3 Encoding Characteristics Encoding characteristics over recommended operating range and recommended mounting Part Number Description Symbol Min. Typ. Max. Units HEDS-51XX Cycle Error ∆C 3 5.5 °e Position Error ∆θ 10 40 min. of arc HEDS-61XX Cycle Error ∆C 3 5.5 °e Position Error ∆θ 7 20 min. of arc HEDM-512X Cycle Error ∆C 3 7.5 °e Position Error ∆θ 4 40 min. of arc HEDM-61XX Cycle Error ∆C 3 7.5 °e Position Error ∆θ 2 20 min. of arc HEDG-512X Cycle Error ∆C 3 7.5 °e Position Error ∆θ 4 30 min. of arc HEDG-612X Cycle Error ∆C 3 7.5 °e Position Error ∆θ 2 15 min. of arc Reliability In addition to the absolute maximum specifications of codewheels, the environment characteristics of the application Glass Codewheel Tests Test Duration Number of Parts Number of Failures Storage at 100 °C 1000 hours 44 0 Rotating at 100 °C 500 hours 10 0 Temperature Cycle: -40 °C to +100°C 500 cycles 98 0 Temperature/Humidity: 85 °C/85% R.H. 500 hours 43 0 Film Codewheel Tests Test Duration Number of Parts Number of Failures Storage at 70 °C 1000 hours 118 0 Rotating at 70 °C 500 hours 10 0 Temperature Cycle: -40 °C to +70°C 500 cycles 66 0 Temperature Cycle: +20 °C to +40°C 1000 cycles 64 0 Temperature Cycle: +20 °C to +55°C 1000 cycles 46 0 Temperature Cycle: +20 °C to +70°C 500 cycles 50 0 tolerances unless otherwise specified. Values are for worst error over a full rotation. Please refer to Encoder Module Data Sheet for definitions of Encoding characteristics. are also important. For example, consistent, large temperature swings over the life of the product will affect the codewheel performance characteristics depending on the material. The following reliability table shows results of lifetests under varying conditions of temperature and humidity. |
Similar Part No. - HEDS-5120-C11 |
|
Similar Description - HEDS-5120-C11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |