Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-5120-A12 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HEDS-5120-A12
Description  Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-5120-A12 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HEDS-5120-A12 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-5120-A12 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-5120-A12 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-5120-A12 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-5120-A12 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HEDS-5120-A12 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HEDS-5120-A12 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HEDS-5120-A12 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HEDS-5120-A12 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
8
Figure 10. HEDG-5120 Codewheel/HEDG-5121 Codewheel.
Figure 11. HEDG-6120 Codewheel/HEDG-6121 Codewheel.
Figure 12. HEDM-6140 Codewheel/HEDM-6141 Codewheel.
0.55
(0.022)
2-56 SETSCREW
USE 0.035" HEX WRENCH
5.51
(0.217)
10.2 MAX.
ARTWORK SIDE
(HEDG-5120)
ARTWORK SIDE
(HEDG-5121)
DIA.
MAX.
25.56
(1.006)
DIMENSIONS IN mm (INCHES)
12.6 MAX.
0.55
(0.022)
2-56 SETSCREW
USE 0.035" HEX WRENCH
8.43
(0.332)
17.98
(0.708)
MAX.
ARTWORK SIDE
(HEDG-6120)
ARTWORK SIDE
(HEDG-6121)
DIA.
MAX.
50.48
(1.987)
DIMENSIONS IN mm (INCHES)
22.6 MAX.
25.4 MAX.
0.18
(0.007)
2-56 SETSCREW
USE 0.035" HEX WRENCH
8.43
(0.332)
22.50
(0.886)
MAX.
ARTWORK SIDE
(HEDM-6140)
ARTWORK SIDE
(HEDM-6141)
DIA.
MAX.
50.48
(1.987)
DIMENSIONS IN mm (INCHES)
36.5
130°
TYPICAL
INDEX PULSE
POSITION
SETSCREW


Similar Part No. - HEDS-5120-A12

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-5120-A12 HP-HEDS-5120-A12 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
HEDS-5120-A12 HP-HEDS-5120-A12 Datasheet
240Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
More results

Similar Description - HEDS-5120-A12

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-61X0 HP-HEDS-61X0 Datasheet
240Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-51X0 AVAGO-HEDS-51X0 Datasheet
314Kb / 13P
   Two and Three Channel Codewheels for use with Avago Technologies Optical Encoder Modules
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com