Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP303LSN34T1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP303LSN34T1
Description  Voltage Detector Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP303LSN34T1 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP303LSN34T1 Datasheet HTML 3Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 4Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 5Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 6Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 7Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 8Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 9Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 10Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
NCP302, NCP303
http://onsemi.com
7
0.7 V
GND
5.0 V
2.5 V
GND
VDET+ + 2.0 V
NCP303L
NCP302L
tD2
Input Voltage,
Pin 2
0.7 V
GND
GND
VDET+ + 2.0 V
tD2
VDET+ + 2.0 V
VDET+ + 2.0 V
2
Reset Output
Voltage, Pin 1
NCP302 and NCP303 series are measured with a 10 pF capacitive load. NCP303 has an additional 470 k pullup resistor
connected from the reset output to +5.0 V. The reset output voltage waveforms are shown for the active low ‘L’ devices. Output
time delay tD1 and tD2 are dependent upon the delay capacitance. Refer to Figures 30, 31, and 32. The upper detector
threshold, VDET+ is the sum of the lower detector threshold, VDET− plus the input hysteresis, VHYS.
Figure 2. Measurement Conditions for tD1 and tD2
tD1
tD1


Similar Part No. - NCP303LSN34T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP303LSN34T1 ONSEMI-NCP303LSN34T1 Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
NCP303LSN34T1 ONSEMI-NCP303LSN34T1 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP303LSN34T1 ONSEMI-NCP303LSN34T1 Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
NCP303LSN34T1G ONSEMI-NCP303LSN34T1G Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP303LSN34T1G ONSEMI-NCP303LSN34T1G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
More results

Similar Description - NCP303LSN34T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com