Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP303LSN33T1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP303LSN33T1
Description  Voltage Detector Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP303LSN33T1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP303LSN33T1 Datasheet HTML 4Page - ON Semiconductor NCP303LSN33T1 Datasheet HTML 5Page - ON Semiconductor NCP303LSN33T1 Datasheet HTML 6Page - ON Semiconductor NCP303LSN33T1 Datasheet HTML 7Page - ON Semiconductor NCP303LSN33T1 Datasheet HTML 8Page - ON Semiconductor NCP303LSN33T1 Datasheet HTML 9Page - ON Semiconductor NCP303LSN33T1 Datasheet HTML 10Page - ON Semiconductor NCP303LSN33T1 Datasheet HTML 11Page - ON Semiconductor NCP303LSN33T1 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
NCP302, NCP303
http://onsemi.com
8
Table 1. ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V
NCP302 Series
Detector Threshold
Detector Threshold
Hysteresis
Supply Current
Nch Sink Current
Pch
Source
Current
Vin Low
Vin High
Vin Low
Vin High
VDET− (V) (Note 4)
VHYS (V)
Iin (mA)
(Note 5)
Iin (mA)
(Note 6)
IOUT (mA)
(Note 7)
IOUT (mA)
(Note 8)
IOUT(mA)
(Note 9)
Part Number
Min
Typ
Max
Min
Typ
Max
Typ
Typ
Typ
Typ
Typ
NCP302LSN09T1
0.882
0.9
0.918
0.027
0.045
0.063
0.20
0.45
0.05
0.5
2.0
NCP302LSN15T1
1.470
1.5
1.530
0.045
0.075
0.105
NCP302LSN18T1
1.764
1.8
1.836
0.054
0.090
0.126
0.23
0.48
NCP302LSN20T1
1.960
2.0
2.040
0.060
0.100
0.140
NCP302LSN27T1
2.646
2.7
2.754
0.081
0.135
0.189
0.25
0.50
NCP302LSN30T1,
2.940
3.0
3.060
0.090
0.150
0.210
NCV302LSN30T1,
2.940
3.0
3.060
0.090
0.150
0.210
NCP302LSN33T1
3.234
3.3
3.366
0.099
0.165
0.231
NCP302LSN38T1
3.724
3.8
3.876
0.114
0.190
0.266
NCP302LSN40T1
3.920
4.0
4.080
0.120
0.200
0.280
3.0
NCP302LSN43T1
4.214
4.3
4.386
0.129
0.215
0.301
NCP302LSN45T1
4.410
4.5
4.590
0.135
0.225
0.315
0.33
0.52
NCP302LSN47T1
4.606
4.7
4.794
0.141
0.235
0.329
0.34
0.53
4. Values shown apply at +25
°C only. For voltage options greater than 1.1 V, VDET− limits over operating temperature range (−40°C to +125°C)
are VNOM ±3%. For voltage options < 1.2 V, VDET− is guaranteed only at +25°C.
5. Condition 1: 0.9 — 2.9 V, Vin = VDET− − 0.10 V; 3.0 — 3.9 V, Vin = VDET− − 0.13 V; 4.0 — 4.9 V, Vin = VDET− − 0.16 V
6. Condition 2: 0.9 — 4.9 V, Vin = VDET− + 2.0 V
7. Condition 3: 0.9 — 4.9 V, Vin = 0.7 V, VOUT = 0.05 V, Active Low ‘L’ Suffix Devices
8. Condition 4: 0.9 — 1.0 V, Vin = 0.85 V, VOUT = 0.5 V; 1.1 — 1.5 V, Vin = 1.0 V, VOUT = 0.5 V; 1.6 — 4.9 V, Vin = 1.5 V, VOUT = 0.5 V,
Condition 4: Active Low ‘L’ Suffix Devices
9. Condition 5: 0.9 — 3.9 V, Vin = 4.5 V, VOUT = 2.4 V; 4.0 — 4.9 V, Vin = 8.0 V, VOUT = 5.9 V, Active Low ‘L’ Suffix Devices
Table 2. ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V
NCP302 Series
Detector Threshold
Detector Threshold
Hysteresis
Supply Current
Nch Sink
Current
Pch Source Current
Vin Low
Vin High
Vin Low
Vin High
VDET− (V) (Note 10)
VHYS (V)
Iin (mA)
(Note 11)
Iin (mA)
(Note 12)
IOUT (mA)
(Note 13)
IOUT (mA)
(Note 14)
IOUT (mA)
(Note 15)
Part Number
Min
Typ
Max
Min
Typ
Max
Typ
Typ
Typ
Typ
Typ
NCP302HSN09T1
0.882
0.9
0.918
0.027
0.045
0.063
0.20
0.45
2.5
0.04
0.08
NCP302HSN18T1
1.764
1.8
1.836
0.054
0.090
0.126
0.23
0.48
NCP302HSN27T1
2.646
2.7
2.754
0.081
0.135
0.189
0.25
0.50
NCP302HSN30T1
2.940
3.0
3.060
0.090
0.150
0.210
NCP302HSN40T1
3.920
4.0
4.080
0.120
0.200
0.280
NCP302HSN45T1
4.410
4.5
4.590
0.135
0.225
0.315
0.33
0.52
10. Values shown apply at +25
°C only. For voltage options greater than 1.1 V, VDET− limits over operating temperature range (−40°C to +125°C)
are VNOM ±3%. For voltage options < 1.2 V, VDET− is guaranteed only at +25°C.
11. Condition 1: 0.9 — 2.9 V, Vin = VDET− − 0.10 V; 3.0 — 3.9 V, Vin = VDET− − 0.13 V; 4.0 — 4.9 V, Vin = VDET− − 0.16 V
12. Condition 2: 0.9 — 4.9 V, Vin = VDET− + 2.0 V
13. Condition 3: 0.9 — 1.4 V, Vin = 1.5 V, VOUT = 0.5 V; 1.5 — 4.9 V, Vin = 5.0 V, VOUT = 0.5 V, Active High ‘H’ Suffix Devices
14. Condition 4: 0.9 — 4.9 V, Vin = 0.7 V, VOUT = 0.4 V, Active High ‘H’ Suffix Devices
15. Condition 5: 0.9 — 1.0 V, Vin = 0.8 V, VOUT = GND; 1.1 — 1.5 V, Vin = 1.0 V, VOUT = GND; 1.6 — 4.9 V, Vin = 1.5 V, VOUT = GND,
Active High ‘H’ Suffix Devices


Similar Part No. - NCP303LSN33T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP303LSN33T1 ONSEMI-NCP303LSN33T1 Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
NCP303LSN33T1 ONSEMI-NCP303LSN33T1 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP303LSN33T1 ONSEMI-NCP303LSN33T1 Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
NCP303LSN33T1G ONSEMI-NCP303LSN33T1G Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP303LSN33T1G ONSEMI-NCP303LSN33T1G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
More results

Similar Description - NCP303LSN33T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com