Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320LC2402APGEA Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320LC2402APGEA
Description  DSP CONTROLLERS
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2402APGEA Datasheet(HTML) 5 Page - Texas Instruments

  TMS320LC2402APGEA Datasheet HTML 1Page - Texas Instruments TMS320LC2402APGEA Datasheet HTML 2Page - Texas Instruments TMS320LC2402APGEA Datasheet HTML 3Page - Texas Instruments TMS320LC2402APGEA Datasheet HTML 4Page - Texas Instruments TMS320LC2402APGEA Datasheet HTML 5Page - Texas Instruments TMS320LC2402APGEA Datasheet HTML 6Page - Texas Instruments TMS320LC2402APGEA Datasheet HTML 7Page - Texas Instruments TMS320LC2402APGEA Datasheet HTML 8Page - Texas Instruments TMS320LC2402APGEA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TMS320x240xA device summary
Note that throughout this data sheet, 240xA is used as a generic name for the LF240xA/LC240xA generation
of devices.
Table 1. Hardware Features of 240xA Devices
FEATURE
LF2407A
LF2406A
LF2403A
LF2402A LC2406A LC2404A LC2403A LC2402A
C2xx DSP Core
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Instruction Cycle
25 ns
25 ns
25 ns
25 ns
25 ns
25 ns
25 ns
25 ns
MIPS (40 MHz)
40 MIPS
40 MIPS
40 MIPS
40 MIPS
40 MIPS
40 MIPS
40 MIPS
40 MIPS
RAM (16 bit word)
Dual-Access
RAM (DARAM)
544
544
544
544
544
544
544
544
RAM (16-bit word)
Single-Access
RAM (SARAM)
2K
2K
512
512
2K
1K
512
3.3-V On-chip Flash (16-bit word)
(4 sectors: 4K, 12K, 12K, 4K)
32K
32K
16K
8K
On-chip ROM (16-bit word)
32K
16K
16K
6K
Code Security for On-Chip Flash/ROM
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Boot ROM
Yes
Yes
Yes
Yes
External Memory Interface
Yes
Event Managers A and B (EVA and EVB)
EVA,
EVB
EVA,
EVB
EVA
EVA
EVA,
EVB
EVA,
EVB
EVA
EVA
S
General-Purpose (GP) Timers
4
4
2
2
4
4
2
2
S
Compare (CMP)/PWM
12/16
12/16
6/8
6/8
12/16
12/16
6/8
6/8
S
Capture (CAP)/QEP
6/4
6/4
3/2
3/2
6/4
6/4
3/2
3/2
S
Input qualifier circuitry on
PDPINTx, CAPx, QEPx,
XINT1/2, and ADCSOC pins
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
S
Status of PDPINTx pin reflected
in COMCONx register
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Watchdog Timer
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
10-Bit ADC
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
S
Channels
16
16
8
8
16
16
8
8
S
Conversion Time (minimum)
500 ns
500 ns
500 ns
500 ns
500 ns
500 ns
500 ns
500 ns
SPI
Yes
Yes
Yes
Yes
Yes
Yes
SCI
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
CAN
Yes
Yes
Yes
Yes
Yes
Digital I/O Pins
(Shared)
41
41
21
21
41
41
21
21
External Interrupts
5
5
3
3
5
5
3
3
Supply Voltage
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
Packaging
144-pin
PGE
100-pin
PZ
64-pin
PAG
64-pin
PG
100-pin
PZ
100-pin
PZ
64-pin
PAG
64-pin
PG, PAG
Product Status:
Product Preview (PP)
Advance Information (AI)
Production Data (PD)
PD
PD
PD
PD
PD
PD
PD
PD
Denotes features that are different/new compared to 240x devices.


Similar Part No. - TMS320LC2402APGEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC2402APG TI-TMS320LC2402APG Datasheet
1Mb / 133P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2402APGA TI1-TMS320LC2402APGA Datasheet
1Mb / 134P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2402APGS TI1-TMS320LC2402APGS Datasheet
1Mb / 134P
[Old version datasheet]   DSP CONTROLLERS
More results

Similar Description - TMS320LC2402APGEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC2401A TI-TMS320LC2401A Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2406A TI-TMS320LC2406A Datasheet
1Mb / 133P
[Old version datasheet]   DSP CONTROLLERS
TMS320F243 TI-TMS320F243_07 Datasheet
1Mb / 121P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2401A TI-TMS320LF2401A_07 Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241 TI1-TMS320F241_13 Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI1-TMS320LF2407_13 Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com