Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP304LSQ47T1 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP304LSQ47T1
Description  Voltage Detector Series
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP304LSQ47T1 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP304LSQ47T1 Datasheet HTML 5Page - ON Semiconductor NCP304LSQ47T1 Datasheet HTML 6Page - ON Semiconductor NCP304LSQ47T1 Datasheet HTML 7Page - ON Semiconductor NCP304LSQ47T1 Datasheet HTML 8Page - ON Semiconductor NCP304LSQ47T1 Datasheet HTML 9Page - ON Semiconductor NCP304LSQ47T1 Datasheet HTML 10Page - ON Semiconductor NCP304LSQ47T1 Datasheet HTML 11Page - ON Semiconductor NCP304LSQ47T1 Datasheet HTML 12Page - ON Semiconductor NCP304LSQ47T1 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
NCP304, NCP305
www.onsemi.com
9
Table 1. NCP304 SERIES ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V
Part Number
Detector Threshold
Detector Threshold
Hysteresis
Supply Current
N−Chl Sink Current
P−Channel
Source
Current
Vin Low
Vin High
Vin Low
Vin High
VDET− (V)
VHYS (V)
Iin
(
mA)
(Note 5)
Iin
(
mA)
(Note 6)
IOUT
(mA)
(Note 7)
IOUT
(mA)
(Note 8)
IOUT
(mA)
(Note 9)
Min
Typ
Max
Min
Typ
Max
Typ
Typ
Typ
Typ
Typ
NCP304LSQ09T1
0.882
0.9
0.918
0.027
0.045
0.063
0.8
0.9
0.05
0.5
2.0
NCP304LSQ15T1
1.470
1.5
1.530
0.045
0.075
0.105
NCP304LSQ18T1
1.764
1.8
1.836
0.054
0.090
0.126
NCP304LSQ20T1
1.960
2.0
2.040
0.060
0.100
0.140
0.9
1.1
NCP304LSQ23T1
2.254
2.3
2.346
0.069
0.115
0.161
NCP304LSQ25T1
2.450
2.5
2.550
0.075
0.125
0.175
NCP304LSQ27T1
2.646
2.7
2.754
0.081
0.135
0.189
NCP304LSQ28T1
2.744
2.8
2.856
0.084
0.140
0.196
NCP304LSQ29T1
2.842
2.9
2.958
0.087
0.145
0.203
NCP304LSQ30T1
2.940
3.0
3.060
0.090
0.150
0.210
1.0
1.2
NCP304LSQ31T1
3.038
3.1
3.162
0.093
0.155
0.217
NCP304LSQ33T1
3.234
3.3
3.366
0.099
0.165
0.231
NCP304LSQ37T1
3.626
3.7
3.774
0.111
0.185
0.259
NCP304LSQ38T1
3.724
3.8
3.876
0.114
0.190
0.266
NCP304LSQ40T1
3.920
4.0
4.080
0.120
0.200
0.280
1.1
1.3
3.0
NCP304LSQ42T1
4.116
4.2
4.284
0.126
0.210
0.294
NCP304LSQ43T1
4.214
4.3
4.386
0.129
0.215
0.301
NCP304LSQ45T1
4.410
4.5
4.590
0.135
0.225
0.315
NCP304LSQ46T1
4.508
4.6
4.692
0.138
0.230
0.322
NCP304LSQ47T1
4.606
4.7
4.794
0.141
0.235
0.329
5. Condition 1: 0.9 − 2.9 V, Vin = VDET− − 0.10 V; 3.0 − 3.9 V, Vin = VDET− − 0.13 V; 4.0 − 4.9 V, Vin = VDET− − 0.16 V
6. Condition 2: 0.9 − 4.9 V, Vin = VDET− + 2.0 V
7. Condition 3: 0.9 − 4.9 V, Vin = 0.7 V, VOUT = 0.05 V, Active Low ‘L’ Suffix Devices
8. Condition 4: 0.9 − 1.0 V, Vin = 0.85 V, VOUT = 0.5 V; 1.1 − 1.5 V, Vin = 1.0 V, VOUT = 0.5 V; 1.6 − 4.9 V, Vin = 1.5 V, VOUT = 0.5 V,
Condition 4: Active Low ‘L’ Suffix Devices
9. Condition 5: 0.9 − 3.9 V, Vin = 4.5 V, VOUT = 2.4 V; 4.0 − 4.9 V, Vin = 8.0 V, VOUT = 5.9 V, Active Low ‘L’ Suffix Devices
Table 2. NCP304 SERIES ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V
Part Number
Detector Threshold
Detector Threshold
Hysteresis
Supply Current
N−Channel
Sink
Current
P−Channel
Source Current
Vin Low
Vin High
Vin Low
Vin High
VDET− (V)
VHYS (V)
Iin
(
mA)
(Note 10)
Iin
(
mA)
(Note 11)
IOUT
(mA)
(Note 12)
IOUT
(mA)
(Note 13)
IOUT
(mA)
(Note 14)
Min
Typ
Max
Min
Typ
Max
Typ
Typ
Typ
Typ
Typ
NCP304HSQ09T1
0.882
0.9
0.918
0.027
0.045
0.063
0.8
0.9
2.5
0.04
0.08
NCP304HSQ18T1
1.764
1.8
1.836
0.054
0.090
0.126
NCP304HSQ20T1
1.960
2.0
2.040
0.060
0.100
0.140
0.9
1.1
NCP304HSQ22T1
2.156
2.2
2.244
0.066
0.110
0.154
NCP304HSQ27T1
2.646
2.7
2.754
0.081
0.135
0.189
NCP304HSQ29T1
2.842
2.9
2.958
0.087
0.145
0.203
NCP304HSQ30T1
2.940
3.0
3.060
0.090
0.150
0.210
1.0
1.2
NCP304HSQ45T1
4.410
4.5
4.590
0.135
0.225
0.315
NCP304HSQ47T1
4.606
4.7
4.794
0.141
0.235
0.329
10. Condition 1: 0.9 − 2.9 V, Vin = VDET− − 0.10 V; 3.0 − 3.9 V, Vin = VDET− − 0.13 V; 4.0 − 4.9 V, Vin = VDET− − 0.16 V
11. Condition 2: 0.9 − 4.9 V, Vin = VDET− + 2.0 V
12. Condition 3: 0.9 − 1.4 V, Vin = 1.5 V, VOUT = 0.5 V; 1.5 − 4.9 V, Vin = 5.0 V, VOUT = 0.5 V, Active High ‘H’ Suffix Devices
13. Condition 4: 0.9 − 4.9 V, Vin = 0.7 V, VOUT = 0.4 V, Active High ‘H’ Suffix Devices
14. Condition 5: 0.9 − 1.0 V, Vin = 0.8 V, VOUT = GND; 1.1 − 1.5 V, Vin = 1.0 V, VOUT = GND; 1.6 − 4.9 V, Vin = 1.5 V, VOUT = GND,
Active High ‘H’ Suffix Devices


Similar Part No. - NCP304LSQ47T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP304LSQ47T1 ONSEMI-NCP304LSQ47T1 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304LSQ47T1 ONSEMI-NCP304LSQ47T1 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP304LSQ47T1G ONSEMI-NCP304LSQ47T1G Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
More results

Similar Description - NCP304LSQ47T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com