Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP300HSN27T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP300HSN27T1G
Description  Voltage Detector Series
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP300HSN27T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP300HSN27T1G Datasheet HTML 1Page - ON Semiconductor NCP300HSN27T1G Datasheet HTML 2Page - ON Semiconductor NCP300HSN27T1G Datasheet HTML 3Page - ON Semiconductor NCP300HSN27T1G Datasheet HTML 4Page - ON Semiconductor NCP300HSN27T1G Datasheet HTML 5Page - ON Semiconductor NCP300HSN27T1G Datasheet HTML 6Page - ON Semiconductor NCP300HSN27T1G Datasheet HTML 7Page - ON Semiconductor NCP300HSN27T1G Datasheet HTML 8Page - ON Semiconductor NCP300HSN27T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
NCP300, NCP301
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (For all values TA = −40°C to +125°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
NCP300/1 − 0.9 / NCV300/1 − 0.9 (TA = 255C for voltage options from 0.9 to 1.1 V)
Detector Threshold (Pin 2, Vin Decreasing)
VDET−
0.882
0.900
0.918
V
Detector Threshold Hysteresis (Pin 2, Vin Increasing)
VHYS
0.027
0.045
0.063
V
Supply Current (Pin 2)
(Vin = 0.8 V)
(Vin = 2.9 V)
Iin
0.20
0.45
0.6
1.2
mA
Maximum Operating Voltage (Pin 2)
Vin(max)
10
V
Minimum Operating Voltage (Pin 2)
(TA = −40°C to 85°C)
Vin(min)
0.55
0.65
0.70
0.80
V
Reset Output Current (Pin 1, Active Low ‘L’ Suffix Devices)
IOUT
mA
N−Channel Sink Current, NCP300, NCP301
(VOUT = 0.05 V, Vin = 0.70 V)
(VOUT = 0.50 V, Vin = 0.85 V)
0.01
0.05
0.05
0.50
P−Channel Source Current, NCP300
(VOUT = 2.4 V, Vin = 4.5 V)
1.0
6.0
Reset Output Current (Pin 1, Active High ‘H’ Suffix Devices)
IOUT
mA
N−Channel Sink Current, NCP300, NCP301
(VOUT = 0.5 V, Vin = 1.5 V)
1.05
2.5
P−Channel Source Current, NCP300
(VOUT = 0.4 V, Vin = 0.7 V)
(VOUT = GND, Vin = 0.8 V)
0.011
0.014
0.04
0.08
Propagation Delay Input to Output (Figure 2)
ms
Complementary Output NCP300 Series
Output Transition, High to Low
Output Transition, Low to High
tpHL
tpLH
97
77
300
N−Channel Open Drain NCP301 Series
Output Transition, High to Low
Output Transition, Low to High
tpHL
tpLH
97
300
NCP300/1 − 1.8 / NCV300/1 − 1.8
Detector Threshold (Pin 2, Vin Decreasing) (TA = 25°C)
(TA = −40°C to 125°C)
VDET−
1.764
1.746
1.80
1.836
1.854
V
Detector Threshold Hysteresis (Pin 2, Vin Increasing)
VHYS
0.054
0.090
0.126
V
Supply Current (Pin 2)
(Vin = 1.7 V)
(Vin = 3.8 V)
Iin
0.23
0.48
0.7
1.3
mA
Maximum Operating Voltage (Pin 2)
Vin(max)
10
V
Minimum Operating Voltage (Pin 2) (TA = 25°C)
(TA = −40°C to 125°C)
Vin(min)
0.55
0.65
0.70
0.80
V
Reset Output Current (Pin 1, Active Low ‘L’ Suffix Devices)
IOUT
mA
N−Channel Sink Current, NCP300, NCP301
(VOUT = 0.05V, Vin = 0.70 V)
(VOUT = 0.50V, Vin = 1.5 V)
0.01
1.0
0.05
2.0
P−Channel Source Current, NCP300
(VOUT = 2.4 V, Vin = 4.5 V)
1.0
6.0
Reset Output Current (Pin 1, Active High ‘H’ Suffix Devices)
IOUT
mA
N−Channel Sink Current, NCP300, NCP301
(VOUT = 0.5 V, Vin = 5.0 V)
6.3
11
P−Channel Source Current, NCP300
(VOUT = 0.4 V, Vin = 0.7 V)
(VOUT = GND, Vin = 1.5 V)
0.011
0.525
0.04
0.6
Propagation Delay Input to Output (Figure 2)
ms
Complementary Output NCP300 Series
Output Transition, High to Low
Output Transition, Low to High
tpHL
tpLH
73
94
300


Similar Part No. - NCP300HSN27T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300HSN27T1G ONSEMI-NCP300HSN27T1G Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP300HSN27T1G ONSEMI-NCP300HSN27T1G Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP300HSN27T1G ONSEMI-NCP300HSN27T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300HSN27T1G ONSEMI-NCP300HSN27T1G Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
More results

Similar Description - NCP300HSN27T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com