Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIS5132 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NIS5132
Description  12 Volt Electronic Fuse
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS5132 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NIS5132_14 Datasheet HTML 3Page - ON Semiconductor NIS5132_14 Datasheet HTML 4Page - ON Semiconductor NIS5132_14 Datasheet HTML 5Page - ON Semiconductor NIS5132_14 Datasheet HTML 6Page - ON Semiconductor NIS5132_14 Datasheet HTML 7Page - ON Semiconductor NIS5132_14 Datasheet HTML 8Page - ON Semiconductor NIS5132_14 Datasheet HTML 9Page - ON Semiconductor NIS5132_14 Datasheet HTML 10Page - ON Semiconductor NIS5132_14 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
NIS5132 Series
http://onsemi.com
11
PACKAGE DIMENSIONS
DFN10, 3x3, 0.5P
CASE 485C
ISSUE C
10X
SEATING
PLANE
L
D
E
0.15 C
A
A1
e
D2
E2
b
15
10
6
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30 MM FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
5. TERMINAL b MAY HAVE MOLD COMPOUND
MATERIAL ALONG SIDE EDGE. MOLD
FLASHING MAY NOT EXCEED 30 MICRONS
ONTO BOTTOM SURFACE OF TERMINAL b.
6. DETAILS A AND B SHOW OPTIONAL VIEWS
FOR END OF TERMINAL LEAD AT EDGE OF
PACKAGE.
7. FOR DEVICE OPN CONTAINING W OPTION,
DETAIL B ALTERNATE CONSTRUCTION IS
NOT APPLICABLE.
B
A
0.15 C
TOP VIEW
SIDE VIEW
BOTTOM VIEW
PIN 1
REFERENCE
0.10 C
0.08 C
(A3)
C
10X
10X
0.10 C
0.05 C
A B
NOTE 3
K
10X
DIM MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.18
0.30
D
3.00 BSC
D2
2.40
2.60
E
3.00 BSC
E2
1.70
1.90
e
0.50 BSC
L
0.35
0.45
L1
0.00
0.03
DETAIL A
K
0.19 TYP
2X
2X
L1
DETAIL A
Bottom View
(Optional)
A1
A3
DETAIL B
Side View
(Optional)
EDGE OF PACKAGE
MOLD CMPD
EXPOSED Cu
DETAIL B
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
2.1746
2.6016
1.8508
0.5000 PITCH
0.5651
10X
3.3048
0.3008
10X
DIMENSIONS: MILLIMETERS
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NIS5132/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NIS5132_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5132MN1TXG ONSEMI-NIS5132MN1TXG Datasheet
297Kb / 12P
   12 Volt Electronic Fuse
September, 2009 ??Rev. 3
NIS5132MN1TXG ONSEMI-NIS5132MN1TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
NIS5132MN2TXG ONSEMI-NIS5132MN2TXG Datasheet
297Kb / 12P
   12 Volt Electronic Fuse
September, 2009 ??Rev. 3
NIS5132MN2TXG ONSEMI-NIS5132MN2TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
NIS5132MN3TXG ONSEMI-NIS5132MN3TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
More results

Similar Description - NIS5132_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5132MN3TXG ONSEMI-NIS5132MN3TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
NIS5020 ONSEMI-NIS5020 Datasheet
651Kb / 14P
   12 Volt Electronic Fuse
July, 2019 ??Rev. 3
NIS5132 ONSEMI-NIS5132 Datasheet
297Kb / 12P
   12 Volt Electronic Fuse
September, 2009 ??Rev. 3
NIS5420 ONSEMI-NIS5420 Datasheet
285Kb / 12P
   12 Volt Electronic Fuse
May, 2020 ??Rev. P2
NIS5452 ONSEMI-NIS5452 Datasheet
80Kb / 8P
   Volt Electronic Fuse
June, 2015 ??Rev. 0
NIS5232 ONSEMI-NIS5232 Datasheet
271Kb / 11P
   Volt Electronic Fuse
July, 2014 ??Rev. 2
NIS5452 ONSEMI-NIS5452_16 Datasheet
88Kb / 9P
   5 Volt Electronic Fuse
June, 2016 ??Rev. 3
NIS5431MT1TXG ONSEMI-NIS5431MT1TXG Datasheet
80Kb / 7P
   3.3 Volt Electronic Fuse
November, 2015 ??Rev. 1
NIS5431 ONSEMI-NIS5431 Datasheet
81Kb / 8P
   3.3 Volt Electronic Fuse
July, 2016 ??Rev. 5
NIS5135 ONSEMI-NIS5135 Datasheet
318Kb / 12P
   5 Volt Electronic Fuse
September, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com