Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP431B Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP431B
Description  Programmable Precision References
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP431B Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP431B Datasheet HTML 7Page - ON Semiconductor NCP431B Datasheet HTML 8Page - ON Semiconductor NCP431B Datasheet HTML 9Page - ON Semiconductor NCP431B Datasheet HTML 10Page - ON Semiconductor NCP431B Datasheet HTML 11Page - ON Semiconductor NCP431B Datasheet HTML 12Page - ON Semiconductor NCP431B Datasheet HTML 13Page - ON Semiconductor NCP431B Datasheet HTML 14Page - ON Semiconductor NCP431B Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NCP431A, SC431A, NCP431B, SC431B, NCP432B, SC432B Series
www.onsemi.com
11
APPLICATIONS INFORMATION
The NCP431/NCP432 is a programmable precision
reference which is used in a variety of ways. It serves as a
reference voltage in circuits where a non−standard reference
voltage is needed. Other uses include feedback control for
driving an optocoupler in power supplies, voltage monitor,
constant current source, constant current sink and series pass
regulator. In each of these applications, it is critical to
maintain stability of the device at various operating currents
and load capacitances. In some cases the circuit designer can
estimate the stabilization capacitance from the stability
boundary conditions curve provided in Figure 18. However,
these typical curves only provide stability information at
specific cathode voltages and at a specific load condition.
Additional information is needed to determine the
capacitance needed to optimize phase margin or allow for
process variation.
A simplified model of the NCP431/NCP432 is shown in
Figure 33. When tested for stability boundaries, the load
resistance is 150
W. The model reference input consists of an
input transistor and a dc emitter resistance connected to the
device anode. A dependent current source, Gm, develops a
current whose amplitude is determined by the difference
between the 1.78 V internal reference voltage source and the
input transistor emitter voltage. A portion of Gm flows
through compensation capacitance, CP2. The voltage across
CP2 drives the output dependent current source, Go, which
is connected across the device cathode and anode.
Model component values are:
Vref = 1.78 V
Gm = 0.3 + 2.7 exp (−IC/26 mA)
where IC is the device cathode current and Gm is in mhos
Go = 1.25 (Vcp2)
mmhos.
Resistor and capacitor typical values are shown on the
model. Process tolerances are
±20% for resistors, ±10% for
capacitors, and
±40% for transconductances.
An examination of the device model reveals the location
of circuit poles and zeroes:
P1
+
1
2
pR
GMCP1
+
1
2
p @ 1.0M @ 20 pF
+ 7.96 kHz
P2
+
1
2
pR
P2CP2
+
1
2
p @ 10M @ 0.265 pF
+ 60 kHz
Z1
+
1
2
pR
Z1CP1
+
1
2
p @ 15.9k @ 20 pF
+ 500 kHz
In addition, there is an external circuit pole defined by the
load:
P
L +
1
2
pR
LCL
Also, the transfer dc voltage gain of the NCP431 is:
G
+ G
MRGMGoRL
Example 1:
IC=10 mA, RL= 230
W,CL= 0. Define the transfer gain.
The DC gain is:
G
+ G
MRGMGoRL +
(2.138)(1.0M)(1.25
m)(230)
+ 615 + 56 dB
Loop gain
+ G
8.25k
8.25k
) 15k
+ 218 + 47 dB
The resulting transfer function Bode plot is shown in
Figure 34. The asymptotic plot may be expressed as the
following equation:
Av
+ 615
1
)
jf
500 kHz
1
)
jf
8.0 kHz
1
)
jf
60 kHz
The Bode plot shows a unity gain crossover frequency of
approximately 600 kHz. The phase margin, calculated from
the equation, would be 55.9
°. This model matches the
Open−Loop Bode Plot of Figure 15. The total loop would
have a unity gain frequency of about 300 kHz with a phase
margin of about 44
°.
Figure 33. Simplified NCP431/NCP432 Device Model


Similar Part No. - NCP431B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP431B ONSEMI-NCP431B Datasheet
417Kb / 17P
   Programmable Precision References
February, 2013 ??Rev. 4
NCP431BCSNT1G ONSEMI-NCP431BCSNT1G Datasheet
408Kb / 17P
   Programmable Precision References
April, 2013 ??Rev. 5
NCP431BCSNT1G ONSEMI-NCP431BCSNT1G Datasheet
8Mb / 28P
   45 W Auxiliary Power Supply for White Goods and Industrial Equipment with NCP11187A65
August, 2020 ??Rev. 1
NCP431BISNT1G ONSEMI-NCP431BISNT1G Datasheet
408Kb / 17P
   Programmable Precision References
April, 2013 ??Rev. 5
NCP431BVSNT1G ONSEMI-NCP431BVSNT1G Datasheet
408Kb / 17P
   Programmable Precision References
April, 2013 ??Rev. 5
More results

Similar Description - NCP431B

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com