Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP398 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP398
Description  USB Type-C VCONN Overvoltage Protection IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP398 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP398 Datasheet HTML 4Page - ON Semiconductor NCP398 Datasheet HTML 5Page - ON Semiconductor NCP398 Datasheet HTML 6Page - ON Semiconductor NCP398 Datasheet HTML 7Page - ON Semiconductor NCP398 Datasheet HTML 8Page - ON Semiconductor NCP398 Datasheet HTML 9Page - ON Semiconductor NCP398 Datasheet HTML 10Page - ON Semiconductor NCP398 Datasheet HTML 11Page - ON Semiconductor NCP398 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCP398
www.onsemi.com
8
Figure 12. Soft Start On Cout 10
mF, 500 mA, Vin: yellow, Vout: blue, EN: pink, IOUT: green
Figure 13. NCP398 Enable (ENB forced low) Vin: yellow, Vout: blue, EN: pink, IOUT: green


Similar Part No. - NCP398

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3985 ONSEMI-NCP3985 Datasheet
125Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
NCP3985 ONSEMI-NCP3985 Datasheet
112Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
NCP3985SN180R2G ONSEMI-NCP3985SN180R2G Datasheet
112Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
NCP3985SN18T1G ONSEMI-NCP3985SN18T1G Datasheet
125Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
NCP3985SN25T1G ONSEMI-NCP3985SN25T1G Datasheet
125Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
More results

Similar Description - NCP398

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WUSB3831Q WILLSEMI-WUSB3831Q Datasheet
699Kb / 15P
   USB Type-C CC Adapter with Vconn Support
logo
ON Semiconductor
NCP346 ONSEMI-NCP346_06 Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
logo
NXP Semiconductors
NX20P0407 NXP-NX20P0407 Datasheet
496Kb / 18P
   USB Type-C CC and SBU Protection IC
Rev. 1.3 ??22 August 2019
logo
ON Semiconductor
NCP345 ONSEMI-NCP345 Datasheet
57Kb / 8P
   Overvoltage Protection IC
December, 2004 ??Rev. 5
NCP346 ONSEMI-NCP346 Datasheet
386Kb / 15P
   Overvoltage Protection IC
December, 2004 ??Rev. 4
NCP345 ONSEMI-NCP345_06 Datasheet
66Kb / 8P
   Overvoltage Protection IC
March, 2006 ??Rev. 6
logo
Rohm
BD91N01NUX ROHM-BD91N01NUX Datasheet
1Mb / 21P
   USB Type-C Sink Port Detection and Protection IC
07.Jun.2019 Rev.001
logo
Maxim Integrated Produc...
MAX20323A MAXIM-MAX20323A Datasheet
603Kb / 13P
   USB Type-C CC-Pin Overvoltage Protector
19-100074; Rev 3; 1/19
logo
Texas Instruments
TUSB321 TI1-TUSB321 Datasheet
1Mb / 24P
[Old version datasheet]   USB Type-C Configuration Channel Logic and Port Control with VCONN
logo
STMicroelectronics
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
2Mb / 25P
   USB type-C port protection
Rev 1 - September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com