Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP803SN400T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP803SN400T1G
Description  Very Low Supply Current 3-Pin Microprocessor Reset Monitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP803SN400T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP803SN400T1G Datasheet HTML 1Page - ON Semiconductor NCP803SN400T1G Datasheet HTML 2Page - ON Semiconductor NCP803SN400T1G Datasheet HTML 3Page - ON Semiconductor NCP803SN400T1G Datasheet HTML 4Page - ON Semiconductor NCP803SN400T1G Datasheet HTML 5Page - ON Semiconductor NCP803SN400T1G Datasheet HTML 6Page - ON Semiconductor NCP803SN400T1G Datasheet HTML 7Page - ON Semiconductor NCP803SN400T1G Datasheet HTML 8Page - ON Semiconductor NCP803SN400T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MAX803 Series, NCP803 Series
www.onsemi.com
4
−40
°C
−40
°C
TYPICAL OPERATING CHARACTERISTICS
0.5
0.4
0.3
0.2
0.1
0
0.5
1.5
2.5
3.5
4.5
6.5
−50
−25
0
25
50
75
SUPPLY VOLTAGE (V)
TEMPERATURE (
°C)
Figure 3. Supply Current vs. Supply Voltage
0.5
0.4
0.3
0.2
0.1
0
SUPPLY VOLTAGE (V)
0.6
0.7
85
°C
25
°C
−40
°C
0.5
1.5
2.5
3.5
4.5
6.5
85
°C
25
°C
VTH = 4.63 V
0.3
0.2
0.1
0
0.5
1.5
2.5
3.5
4.5
6.5
SUPPLY VOLTAGE (V)
0.4
85
°C
25
°C
VTH = 2.93 V
0.994
0.995
0.996
0.997
0.998
0.999
1.000
1.002
100
125
VTH = 1.2 V
−50
−25
0
25
50
0
TEMPERATURE (
°C)
0.1
0.2
0.3
0.4
0.5
75
100
VCC = 1.0 V
VCC = 3.3 V
VCC = 5.0 V
VTH = 4.63 V
VTH = 1.2 V
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
SUPPLY VOLTAGE (V)
20
40
60
80
100
5.0
Figure 4. Supply Current vs. Supply Voltage
Figure 5. Supply Current vs. Supply Voltage
Figure 6. Normalized Reset Threshold Voltage
vs. Temperature
Figure 7. Supply Current vs. Temperature
Figure 8. Output Voltage Low vs. Supply
Voltage
5.5
5.5
5.5
1.001
4.0
4.5
85
°C
25
°C
−40
°C
VTH = 4.63 V
ISINK = 500 mA
RESET ASSERTED


Similar Part No. - NCP803SN400T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
More results

Similar Description - NCP803SN400T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803 ONSEMI-NCP803 Datasheet
55Kb / 8P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
May, 2003 - Rev. 4
NCV809 ONSEMI-NCV809 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
MAX809 ONSEMI-MAX809_10 Datasheet
177Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
MAX809S ONSEMI-MAX809S_16 Datasheet
134Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX809 ONSEMI-MAX809_17 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
MAX809S ONSEMI-MAX809S_07 Datasheet
84Kb / 11P
   Very Low Supply Current 3?뭁in Microprocessor Reset Monitors
February, 2007 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com