Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4122 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AK4122
Description  24 BIT 96KHZ SRC WITH DIR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AK4122 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AK4122 Datasheet HTML 1Page - List of Unclassifed Manufacturers AK4122 Datasheet HTML 2Page - List of Unclassifed Manufacturers AK4122 Datasheet HTML 3Page - List of Unclassifed Manufacturers AK4122 Datasheet HTML 4Page - List of Unclassifed Manufacturers AK4122 Datasheet HTML 5Page - List of Unclassifed Manufacturers AK4122 Datasheet HTML 6Page - List of Unclassifed Manufacturers AK4122 Datasheet HTML 7Page - List of Unclassifed Manufacturers AK4122 Datasheet HTML 8Page - List of Unclassifed Manufacturers AK4122 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
ASAHI KASEI
[AK4122]
MS0267-E-03
2004/08
- 1 -
GENERAL DESCRIPTION
The AK4122 is a digital sample rate converter (SRC) with the digital audio receiver (DIR). The input
sample rate ranges from 8kHz to 96kHz. The output sample rate is 32kHz, 44.1kHz, 48kHz or 96kHz. By
using the AK4122, the system can take very simple configuration because the AK4122 has an internal
PLL and does not need any master clock at slave mode. Then the AK4122 is suitable for the application
interfacing to different sample rates like Car Audio, DVD recorder, etc.
FEATURES
1. SRC
• Asynchronous Sample Rate Converter
• Input Sample Rate Range (fsi) : 8kHz ∼ 96kHz
• Output Sample Rate (fso) : 32kHz, 44.1kHz, 48kHz, 96kHz
• Input to Output Sample Rate Ratio : 0.33 to 6
• THD+N : −113dB
• I/F format : MSB justified, LSB justified (16/24bit) and I2S compatible
• Clock for Master mode : 256/384/512/768fs
• SRC Bypass mode
• Soft Mute Function
2. DIR
• 4-Channel Inputs Selector & 1-Channel Through Output
• AES3, IEC60958, S/PDIF, EIAJ CP1201 Compatible
• Low Jitter Analog PLL
• PLL Lock Range : 32kHz ∼ 96kHz
• Auto detection
- Non-PCM Bit Stream
- DTS-CD Bit Stream
- Validity Flag
- Sampling Frequency (32kHz, 44.1kHz, 48kHz, 88.2kHz, 96kHz)
- Unlock & Parity Error
- DAT Start ID
• 40-bit Channel Status Buffer
• Burst Preamble bit Pc, Pd Buffer for Non-PCM bit streams
• Q-subcode Buffer for CD bit streams
3. 4-wire Serial
µP Interface
4. Power Supply
• AVDD: 3.0 ∼ 3.6V (typ. 3.3V)
• DVDD: 3.0 ∼ 3.6V (typ. 3.3V)
5. Ta =
−10 ∼ 70°C
6. Package : 48pin LQFP
24-Bit 96kHz SRC with DIR
AK4122


Similar Part No. - AK4122

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4122 AKM-AK4122 Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
AK4122A AKM-AK4122A Datasheet
535Kb / 54P
   24-Bit 96kHz SRC with DIR
AK4122AVQ AKM-AK4122AVQ Datasheet
535Kb / 54P
   24-Bit 96kHz SRC with DIR
AK4122VQ AKM-AK4122VQ Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
AK4122VQ AKM-AK4122VQ Datasheet
407Kb / 54P
   24-Bit 96kHz SRC with DIR
More results

Similar Description - AK4122

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4122A AKM-AK4122A Datasheet
535Kb / 54P
   24-Bit 96kHz SRC with DIR
AK4122 AKM-AK4122 Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
AK4122 AKM-AK4122_1 Datasheet
407Kb / 54P
   24-Bit 96kHz SRC with DIR
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4112B AKM-AK4112B Datasheet
334Kb / 30P
   HIGH FEATURE 96kHz 24BIT DIR
AK4112A AKM-AK4112A Datasheet
304Kb / 31P
   High Feature 96kHz 24bit DIR
AK4112B(VM) AKM-AK4112B(VM) Datasheet
353Kb / 31P
   High Feature 96kHz 24bit DIR
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com