Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4122 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AK4122
Description  24 BIT 96KHZ SRC WITH DIR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AK4122 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AK4122 Datasheet HTML 1Page - List of Unclassifed Manufacturers AK4122 Datasheet HTML 2Page - List of Unclassifed Manufacturers AK4122 Datasheet HTML 3Page - List of Unclassifed Manufacturers AK4122 Datasheet HTML 4Page - List of Unclassifed Manufacturers AK4122 Datasheet HTML 5Page - List of Unclassifed Manufacturers AK4122 Datasheet HTML 6Page - List of Unclassifed Manufacturers AK4122 Datasheet HTML 7Page - List of Unclassifed Manufacturers AK4122 Datasheet HTML 8Page - List of Unclassifed Manufacturers AK4122 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
ASAHI KASEI
[AK4122]
MS0267-E-03
2004/08
- 5 -
25
R
-
External Resistor Pin
12k
Ω±5% resistor should be connected to AVSS externally.
26
AVSS
-
Analog Ground Pin
27
PDN
I
Power-Down Mode Pin
“H”: Power up,
“L”: Power down reset and initializes the control register.
28
LRCK1
I
Input Channel Clock Pin
29
BICK1
I
Audio Serial Data Clock Pin
30
SDTI
I
Audio Serial Data Input Pin
31
DVSS
-
Digital Ground Pin
32
DVDD
-
Digital Power Supply Pin, 3.0
∼ 3.6V
33
MCLK2
I
Master Clock Input Pin
34
LRCK2
I/O
Input / Output Channel Clock Pin
35
BICK2
I/O
Audio Serial Data Clock Pin
36
SDTIO
I/O
Audio Serial Data Input / Output Pin
37
INT0
O
Interrupt 0 Pin
38
INT1
O
Interrupt 1 Pin
39
TX
O
Transmitter Output Pin
40
SDTO
O
Audio Serial Data Output Pin
41
BICK
I/O
Audio Serial Data Clock Pin
42
LRCK
I/O
Output Channel Clock Pin
43
OMCLK
I
Master Clock Input Pin
44
DVSS
-
Digital Ground Pin
45
DVDD
-
Digital Power Supply Pin, 3.0
∼ 3.6V
46
BVSS
-
Substrate Ground Pin
This pin should be connected to AVSS.
47
CSN
I
Chip Select Pin
48
CCLK
I
Control Data Clock Pin
Note: All input pins except internal biased pins should not be left floating.


Similar Part No. - AK4122

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4122 AKM-AK4122 Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
AK4122A AKM-AK4122A Datasheet
535Kb / 54P
   24-Bit 96kHz SRC with DIR
AK4122AVQ AKM-AK4122AVQ Datasheet
535Kb / 54P
   24-Bit 96kHz SRC with DIR
AK4122VQ AKM-AK4122VQ Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
AK4122VQ AKM-AK4122VQ Datasheet
407Kb / 54P
   24-Bit 96kHz SRC with DIR
More results

Similar Description - AK4122

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4122A AKM-AK4122A Datasheet
535Kb / 54P
   24-Bit 96kHz SRC with DIR
AK4122 AKM-AK4122 Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
AK4122 AKM-AK4122_1 Datasheet
407Kb / 54P
   24-Bit 96kHz SRC with DIR
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4112B AKM-AK4112B Datasheet
334Kb / 30P
   HIGH FEATURE 96kHz 24BIT DIR
AK4112A AKM-AK4112A Datasheet
304Kb / 31P
   High Feature 96kHz 24bit DIR
AK4112B(VM) AKM-AK4112B(VM) Datasheet
353Kb / 31P
   High Feature 96kHz 24bit DIR
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com