Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C44UUGQ6120F7SK Datasheet(PDF) 1 Page - Kemet Corporation

Part # C44UUGQ6120F7SK
Description  600 ??1,300 VDC, for DC Link
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44UUGQ6120F7SK Datasheet(HTML) 1 Page - Kemet Corporation

  C44UUGQ6120F7SK Datasheet HTML 1Page - Kemet Corporation C44UUGQ6120F7SK Datasheet HTML 2Page - Kemet Corporation C44UUGQ6120F7SK Datasheet HTML 3Page - Kemet Corporation C44UUGQ6120F7SK Datasheet HTML 4Page - Kemet Corporation C44UUGQ6120F7SK Datasheet HTML 5Page - Kemet Corporation C44UUGQ6120F7SK Datasheet HTML 6Page - Kemet Corporation C44UUGQ6120F7SK Datasheet HTML 7Page - Kemet Corporation C44UUGQ6120F7SK Datasheet HTML 8Page - Kemet Corporation C44UUGQ6120F7SK Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3049_C44U_RADIAL • 8/8/2016
1
One world. One KEMET
Benefits
• Controlled self-healing
• Low losses
• High ripple current
• High capacitance density
• Long lifetime
Overview
The C44U Series is a polypropylene segmented metallized
film with cylindrical aluminium can type filled with resin,
screw terminals and plastic deck.
Applications
Typical applications include DC filtering and energy storage.
Aluminum Can Power Film Capacitors
C44U Series, 600 – 1,300 VDC, for DC Link
Part Number System
C4
4
U
Q
G
T
6
5
0
0
F
8
S
K
Series
DC
Voltage
Case and
Fixing
Terminals
Code
Capacitance
Code (pF)
Variants
Case
Diameter
Film Type
Tolerance
C4 = MKP
Capacitors
for Power
Applications
4 =
Cylindrical
types
U =
DC
link
H = 600 V
J = 700 V
O = 900 V
Q = 1,100 V
U = 1,300 V
G = Cylindrical
case with
threaded bolt
M12
E = Cylindrical
case without
threaded bolt
T = M6 female
terminals
Q = M8 male
terminals
Y = M8 female
terminals
Digits 9, 10 & 11 indicate
the first 3 digits of
capacitance value. Digit
8 indicates the number of
zeros to be added.
A = 85°C
Hot Spot
temperature
series
F/G = 70°C
Hot Spot
temperature
series
7 = 76 mm
8 = 85 mm
T = Standard film
S = Segmented film
J = 5%
K = 10%


Similar Part No. - C44UUGQ6120F7SK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UUGT6165M81K KEMET-C44UUGT6165M81K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 165 uF, 10%, 1300 VDC
C44UUGT6165T81K KEMET-C44UUGT6165T81K Datasheet
280Kb / 10P
   Aluminum DC-Link Power Can Film Capacitors C44U-T, 900 – 1,800 VDC, Long Lifetime, High Temperature and THB
3/21/2023
C44UUGT6200M82K KEMET-C44UUGT6200M82K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 200 uF, 10%, 1300 VDC
C44UUGT6200T82K KEMET-C44UUGT6200T82K Datasheet
280Kb / 10P
   Aluminum DC-Link Power Can Film Capacitors C44U-T, 900 – 1,800 VDC, Long Lifetime, High Temperature and THB
3/21/2023
C44UUGT6220M83K KEMET-C44UUGT6220M83K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 220 uF, 10%, 1300 VDC
More results

Similar Description - C44UUGQ6120F7SK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UQGT6500F8SK KEMET-C44UQGT6500F8SK_17 Datasheet
388Kb / 9P
   C44U Series, 600 - 1,300 VDC, for DC Link
C44UHGT7110M85K KEMET-C44UHGT7110M85K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 1100 uF, 10%, 600 VDC
C44UHGT7130M86K KEMET-C44UHGT7130M86K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 1300 uF, 10%, 600 VDC
C44UHGT6900M83K KEMET-C44UHGT6900M83K Datasheet
67Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 900 uF, 10%, 600 VDC
C44UHGT7210M87K KEMET-C44UHGT7210M87K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 2100 uF, 10%, 600 VDC
C44UHGT7100M84K KEMET-C44UHGT7100M84K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 1000 uF, 10%, 600 VDC
C44UHGT6650M81K KEMET-C44UHGT6650M81K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 650 uF, 10%, 600 VDC
C44UHGT6800M82K KEMET-C44UHGT6800M82K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 800 uF, 10%, 600 VDC
C44UOGT6600M85K KEMET-C44UOGT6600M85K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 600 uF, 10%, 900 VDC
logo
Tyco Electronics
A-712T MACOM-A-712T Datasheet
67Kb / 1P
   DC Relays 600 Amps, 28 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com