Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8044LP-TLM-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # LV8044LP-TLM-E
Description  6-channel Motor Driver IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8044LP-TLM-E Datasheet(HTML) 2 Page - ON Semiconductor

  LV8044LP-TLM-E Datasheet HTML 1Page - ON Semiconductor LV8044LP-TLM-E Datasheet HTML 2Page - ON Semiconductor LV8044LP-TLM-E Datasheet HTML 3Page - ON Semiconductor LV8044LP-TLM-E Datasheet HTML 4Page - ON Semiconductor LV8044LP-TLM-E Datasheet HTML 5Page - ON Semiconductor LV8044LP-TLM-E Datasheet HTML 6Page - ON Semiconductor LV8044LP-TLM-E Datasheet HTML 7Page - ON Semiconductor LV8044LP-TLM-E Datasheet HTML 8Page - ON Semiconductor LV8044LP-TLM-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LV8044LP
No.A0438-2/26
Recommended Operating Conditions at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage range 1
VM
2.7 to 5.5
V
Power supply voltage range 2
VCC
2.7 to 5.5
V
Logic input voltage range
VIN
0 to VCC +0.3
V
STEP frequency
FSTEP
STEP1, STEP2
to 64
KHz
PWM frequency
FPWM
STEP3, STEP4
to 100
KHz
Electrical Characteristics at Ta
 25C, VM = 5V, VCC = 3.3V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Standby supply current
ISTN
ST = “L”
1.0
A
Motor supply current
IM
ST = “H”, PWM3 = PWM4 = “H”,
IN51 = IN61 = “H”, no load
50
100
A
Logic supply current
ICC
ST = “H”, PWM3 = PWM4 = “H”,
IN51 = IN61 = “H”, no load
23
4
mA
VCC low-voltage cut voltage
VthVCC
2.1
2.35
2.6
V
Low-voltage hysteresis voltage
VthHIS
100
150
200
mV
Thermal shutdown temperature
TSD
Design guarantee
150
180
200
C
Thermal hysteresis width
TSD
Design guarantee
40
C
Microstep Driver (channels 1, 2, 3, and 4)
Output on resistance
Ronu
IO = 400mA, Upper ON resistance
0.7
0.8
Rond
IO = 400mA, Lower ON resistance
0.5
0.6
Output leak current
IOleak1
1.0
A
Diode forward voltage 1
VD1
ID = -400mA
0.9
1.2
V
Logic pin input current
IinL
VIN = 0V (ST, STEP1, STEP2)
1.0
A
IinH
VIN = 3.3V (ST, STEP1, STEP2)
20
33
50
A
Logic input “H” level voltage
Vinh
ST, STEP1, STEP2
2.5
V
Logic input “L” level voltage
Vinl
ST, STEP1, STEP2
1.0
V
Current
selection
reference
voltage level
4W1-2 phase
Vstep16
Step 16
(Initial level: the channel 1 comparator level)
0.185
0.200
0.215
V
Vstep15
Step 15 (Initial+1)
0.185
0.200
0.215
V
Vstep14
Step 14 (Initial+2)
0.185
0.200
0.215
V
Vstep13
Step 13 (Initial+3)
0.176
0.193
0.206
V
Vstep12
Step 12 (Initial+4)
0.170
0.186
0.200
V
Vstep11
Step 11 (Initial+5)
0.162
0.178
0.192
V
Vstep10
Step 10 (Initial+6)
0.154
0.171
0.184
V
Vstep9
Step 9 (Initial+7)
0.146
0.163
0.176
V
Vstep8
Step 8 (Initial+8)
0.129
0.148
0.159
V
Vstep7
Step 7 (Initial+9)
0.113
0.131
0.143
V
Vstep6
Step 6 (Initial+10)
0.097
0.115
0.127
V
Vstep5
Step 5 (Initial+11)
0.079
0.097
0.109
V
Vstep4
Step 4 (Initial+12)
0.062
0.079
0.092
V
Vstep3
Step 3 (Initial+13)
0.044
0.06
0.074
V
Vstep2
Step 2 (Initial+14)
0.024
0.04
0.054
V
Vstep1
Step 1 (Initial+15)
0.006
0.02
0.036
V
1-2 phase
Vstep16
Step 16
(Initial level: the channel 1 comparator level)
0.185
0.200
0.215
V
Vstep8
Step 8 (Initial+1)
0.129
0.148
0.159
V
1-2 phase
(Full torque)
Vstep16
Step 16
(Initial level: the channel 1 comparator level)
0.185
0.200
0.215
V
Vstep8
Step 8 (Initial+1)
0.185
0.200
0.215
V
2 phase
Vstep8
Step 8
0.185
0.200
0.215
V
Continued on next page.


Similar Part No. - LV8044LP-TLM-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8044LP-TLM-E ONSEMI-LV8044LP-TLM-E Datasheet
377Kb / 26P
   6-channel Motor Driver IC
December, 2013
More results

Similar Description - LV8044LP-TLM-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8044LP SANYO-LV8044LP_11 Datasheet
542Kb / 26P
   6-channel Motor Driver IC
logo
ON Semiconductor
ENA0438F ONSEMI-ENA0438F Datasheet
377Kb / 26P
   6-channel Motor Driver IC
December, 2013
logo
Fairchild Semiconductor
KA3030D FAIRCHILD-KA3030D Datasheet
299Kb / 17P
   6-Channel Motor Drive IC
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
   6-Channel Motor Drive IC
FAN8008 FAIRCHILD-FAN8008 Datasheet
360Kb / 24P
   6-Channel Motor Drive IC
FAN8033 FAIRCHILD-FAN8033 Datasheet
358Kb / 24P
   6-Channel Motor Drive IC
logo
Ceramate Technical
CMD5901 CERAMATE-CMD5901 Datasheet
305Kb / 14P
   4-Channel Motor Driver IC
logo
Fairchild Semiconductor
FAN8702 FAIRCHILD-FAN8702 Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
logo
List of Unclassifed Man...
AT5556 ETC-AT5556 Datasheet
325Kb / 15P
   6-CHANNEL DSC MOTOR DRIVER
logo
Rohm
BD7907FS ROHM-BD7907FS Datasheet
207Kb / 3P
   6-channel Combo driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com