Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C44UQGQ6330F8SK Datasheet(PDF) 8 Page - Kemet Corporation

Part # C44UQGQ6330F8SK
Description  600 ??1,300 VDC, for DC Link
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44UQGQ6330F8SK Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C44UQGQ6330F8SK Datasheet HTML 2Page - Kemet Corporation C44UQGQ6330F8SK Datasheet HTML 3Page - Kemet Corporation C44UQGQ6330F8SK Datasheet HTML 4Page - Kemet Corporation C44UQGQ6330F8SK Datasheet HTML 5Page - Kemet Corporation C44UQGQ6330F8SK Datasheet HTML 6Page - Kemet Corporation C44UQGQ6330F8SK Datasheet HTML 7Page - Kemet Corporation C44UQGQ6330F8SK Datasheet HTML 8Page - Kemet Corporation C44UQGQ6330F8SK Datasheet HTML 9Page - Kemet Corporation C44UQGQ6330F8SK Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3049_C44U_RADIAL • 8/8/2016
8
Aluminum Can Power Film Capacitors
C44U Series, 600 – 1,300 VDC, for DC Link
Sealing
Hermetically Sealed Capacitors
When the temperature increases, the pressure inside the capacitor increases. If the internal pressure is high enough, it can
cause a breach in the capacitor which can result in leakage, impregnation, filling fluid or moisture susceptibility.
Resin Encased/Wrap & Fill Capacitors
The resin seals on resin encased and wrap and fill capacitors will withstand short-term exposure to high humidity
environments without degradation. Resins and plastic tapes will form a pseudo-impervious barrier to humidity and
chemicals. These case materials are somewhat porous and through osmosis can cause contaminants to enter the capacitor.
The second area of contaminated absorption is the lead-wire/resin interface. Since resins cannot bond 100% to tinned wires,
there can be a path formed up to the lead wire into the capacitor section. Aqueous cleaning of circuit boards can aggravate
this condition.
Barometric Pressure
The altitude at which hermetically sealed capacitors are operated controls the voltage rating of the capacitor. As the
barometric pressure decreases, the susceptibility to terminal arc-over increases. Non-hermetic capacitors can be affected
by internal stresses due to pressure changes. This can be in the form of capacitance changes or dielectric arc-over as well
as low insulation resistance. Heat transfer can also be affected by altitude operation. Heat generated in operation cannot be
dissipated properly and can result in high RI2 losses and eventual failure.
Radiation
Radiation capabilities of capacitors must be taken into consideration. Electrical degradation in the form of dielectric
embitterment can take place causing shorts or opens.


Similar Part No. - C44UQGQ6330F8SK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UQGT6100A8TK KEMET-C44UQGT6100A8TK Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 1,100 V
C44UQGT6100A8TK KEMET-C44UQGT6100A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 1,100 V
C44UQGT6240M81K KEMET-C44UQGT6240M81K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 240 uF, 10%, 1100 VDC
C44UQGT6240T81K KEMET-C44UQGT6240T81K Datasheet
280Kb / 10P
   Aluminum DC-Link Power Can Film Capacitors C44U-T, 900 – 1,800 VDC, Long Lifetime, High Temperature and THB
3/21/2023
C44UQGT6250A8SK KEMET-C44UQGT6250A8SK Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 250 uF, 10%, 1,100 V
More results

Similar Description - C44UQGQ6330F8SK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UQGT6500F8SK KEMET-C44UQGT6500F8SK_17 Datasheet
388Kb / 9P
   C44U Series, 600 - 1,300 VDC, for DC Link
C44UHGT7110M85K KEMET-C44UHGT7110M85K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 1100 uF, 10%, 600 VDC
C44UHGT7130M86K KEMET-C44UHGT7130M86K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 1300 uF, 10%, 600 VDC
C44UHGT6900M83K KEMET-C44UHGT6900M83K Datasheet
67Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 900 uF, 10%, 600 VDC
C44UHGT7210M87K KEMET-C44UHGT7210M87K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 2100 uF, 10%, 600 VDC
C44UHGT7100M84K KEMET-C44UHGT7100M84K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 1000 uF, 10%, 600 VDC
C44UHGT6650M81K KEMET-C44UHGT6650M81K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 650 uF, 10%, 600 VDC
C44UHGT6800M82K KEMET-C44UHGT6800M82K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 800 uF, 10%, 600 VDC
C44UOGT6600M85K KEMET-C44UOGT6600M85K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 600 uF, 10%, 900 VDC
logo
Tyco Electronics
A-712T MACOM-A-712T Datasheet
67Kb / 1P
   DC Relays 600 Amps, 28 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com