Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5236V Datasheet(PDF) 11 Page - ON Semiconductor

Part # LV5236V
Description  24-channel LED Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5236V Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LV5236V Datasheet HTML 7Page - ON Semiconductor LV5236V Datasheet HTML 8Page - ON Semiconductor LV5236V Datasheet HTML 9Page - ON Semiconductor LV5236V Datasheet HTML 10Page - ON Semiconductor LV5236V Datasheet HTML 11Page - ON Semiconductor LV5236V Datasheet HTML 12Page - ON Semiconductor LV5236V Datasheet HTML 13Page - ON Semiconductor LV5236V Datasheet HTML 14Page - ON Semiconductor LV5236V Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LV5236V
No.A1943-11/36
Serial Bus Communication Specifications
1) 3-wire serial bus transfer timing conditions
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Cycle time
tcy1
SCLK clock period
200
-
-
ns
Data setup time
ts0
SDEN setup time relative to the rise of SCLK
90
-
-
ns
ts1
SDATA setup time relative to the rise of SCLK
60
-
-
ns
Data hold time
th0
SDEN hold time relative to the fall of SCLK
200
-
-
ns
th1
SDATA hold time relative to the fall of SCLK
60
-
-
ns
Pulse width
tw1L
Low period pulse width of SCLK
90
-
-
ns
tw1H
High period pulse width of SCLK
90
-
-
ns
tw2L
Low period pulse width of SDEN
1
-
-
μs
Data length:
24 bits
Clock frequency: 5 MHz or less
When 24 SCLK clock signals have been input during the high period of SDEN, the SDATA is taken in at the rising
edge of SCLK.
Note: If the number of SCLK clock signals during the high period of SDEN is 23 or less, SDATA is not taken in. If it is
25 or more, the register address is automatically incremented every time 1 byte is taken in.
The slave address is assigned by the first byte, and the register address on the serial map is specified by the next byte.
The third byte transfers the data to the address specified by the register address that was written by the second byte and
if the data subsequently continues even after this, the register address is automatically incremented for the fourth and
subsequent bytes. As a result, it is possible to send the data continuously from the specified addresses. Data of less than
one byte is ignored. However, when the address reaches 2ch, the next byte to be transferred becomes 00h.
tw2H
SA7 SA6 SA5 SA4 SA3 SA2 SA1 SA0
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
SA7
ts0
ts1
th1
tcy1
tw1L
tw1H
th0
50%
SDEN
SCLK
SDATA
1 0 0 0 0 0 1 -
0 0 0 0 0 1 1 1
SDATA
SDEN
SDATA
SDEN
Example of a write operation:
DATA1
Slave address
Register address 07h is set
Data is written into address 07h.
DATA2
DATA3
DATA
Data is written into
address 08h.
Data is written into
address 09h.
Ignore if data is
less than 1 byte.


Similar Part No. - LV5236V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5236V SANYO-LV5236V Datasheet
383Kb / 34P
   24-channel LED Driver
More results

Similar Description - LV5236V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5239TA ONSEMI-LV5239TA Datasheet
504Kb / 28P
   24-channel LED Driver
February 2016 - Rev. 0
logo
Sanyo Semicon Device
LV5236V SANYO-LV5236V Datasheet
383Kb / 34P
   24-channel LED Driver
logo
Marktech Corporate
TB62D612FTG MARKTECH-TB62D612FTG_15 Datasheet
776Kb / 24P
   24-Channel Constant-Current LED Driver
logo
THine Electronics, Inc.
THL3502 THINE-THL3502 Datasheet
189Kb / 2P
   24-channel LED Driver with LVDS Interface
logo
California Eastern Labs
THEVAL3502 CEL-THEVAL3502 Datasheet
754Kb / 7P
   24-channel LED Driver with LVDS Interface
logo
ON Semiconductor
LV52511MNZ ONSEMI-LV52511MNZ Datasheet
533Kb / 21P
   Linear LED Driver, 24-Channel, Bus Controlled
October, 2019 ??Rev. 1
logo
Texas Instruments
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
logo
Kinetic Technologies.
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
   24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
logo
Maxwell Technologies
24SW MAXWELL-24SW Datasheet
88Kb / 11P
   24 Channel MOSFET Driver
logo
Toshiba Semiconductor
TB62D787FTG TOSHIBA-TB62D787FTG Datasheet
643Kb / 34P
   24-channel constant current LED driver with single wire
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com