Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5234VZ-MPB-H Datasheet(PDF) 6 Page - ON Semiconductor

Part # LV5234VZ-MPB-H
Description  9-channel LED Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5234VZ-MPB-H Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LV5234VZ-MPB-H Datasheet HTML 2Page - ON Semiconductor LV5234VZ-MPB-H Datasheet HTML 3Page - ON Semiconductor LV5234VZ-MPB-H Datasheet HTML 4Page - ON Semiconductor LV5234VZ-MPB-H Datasheet HTML 5Page - ON Semiconductor LV5234VZ-MPB-H Datasheet HTML 6Page - ON Semiconductor LV5234VZ-MPB-H Datasheet HTML 7Page - ON Semiconductor LV5234VZ-MPB-H Datasheet HTML 8Page - ON Semiconductor LV5234VZ-MPB-H Datasheet HTML 9Page - ON Semiconductor LV5234VZ-MPB-H Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LV5234V
No.A1936-6/24
Pin Functions
Pin No.
Pin Name
Pin function
Equivalent Circuit
1
SVCC
Power supply pin
2
3
4
SCLK
SDATA
SDEN
Serial clock signal input pin
Serial data signal input pin
Serial enable signal input pin
SVCC
14
15
16
17
18
23
29
A0
A1
A2
A3
A4
CTLSCT
OUTSCT
Slave address setting pin A0
Slave address setting pin A1
Slave address setting pin A2
Slave address setting pin A3
Slave address setting pin A4
Serial bus communication setting pin
When set to low: The 3-wire serial bus
signals are set as the input signals.
When set to high: The I
2C serial bus
signals are set as the input signals.
LED driver output type setting pin
When set to low: Constant-current output
is set for the LED driver.
When set to high: Open drain output is set
for the LED driver.
SVCC
24
SGND
GND pin
25
TEST
Test pin
This pin must always be connected to
GND.
SVCC
26
RESET
Reset signal input pin
Reset status when set to low.
SVCC
27
RT1
Reference current setting resistor
connection pin.
By connecting the external register between
this pin and GND, the reference current is
generated. The pin voltage is approximately
0.98V. By changing the current level, it is
possible to change the oscillator frequency
and LED driver current value (in the
constant-current mode).
SVCC
Continued on next page.


Similar Part No. - LV5234VZ-MPB-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
   9-channel LED Driver
More results

Similar Description - LV5234VZ-MPB-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
   9-channel LED Driver
logo
ON Semiconductor
LV5237JA ONSEMI-LV5237JA Datasheet
418Kb / 23P
   9-channel LED Driver
November 2014 - Rev. P0
logo
Marktech Corporate
TB62781FNG MARKTECH-TB62781FNG Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
logo
Integrated Silicon Solu...
IS31FL3193-DLS2-TR ISSI-IS31FL3193-DLS2-TR Datasheet
320Kb / 13P
   9-CHANNEL LIGHT EFFECT LED DRIVER
logo
Comchip Technology
TB62781FNG COMCHIP-TB62781FNG_15 Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
logo
Integrated Silicon Solu...
IS31FL3199 ISSI-IS31FL3199 Datasheet
372Kb / 16P
   9-CHANNEL LIGHT EFFECT LED DRIVER
logo
National Semiconductor ...
DS8973 NSC-DS8973 Datasheet
83Kb / 4P
   DS8973 9-Digit LED Driver
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
[Old version datasheet]   Programmable 9-Output LED Driver
logo
Hitachi Semiconductor
HA13408 HITACHI-HA13408 Datasheet
43Kb / 8P
   9-Channel Power Driver
logo
ams AG
AS3665 AMSCO-AS3665 Datasheet
590Kb / 2P
   9 Channel Advanced Command Driven RGB/White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com