Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5234V Datasheet(PDF) 9 Page - ON Semiconductor

Part # LV5234V
Description  9-channel LED Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5234V Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LV5234V Datasheet HTML 5Page - ON Semiconductor LV5234V Datasheet HTML 6Page - ON Semiconductor LV5234V Datasheet HTML 7Page - ON Semiconductor LV5234V Datasheet HTML 8Page - ON Semiconductor LV5234V Datasheet HTML 9Page - ON Semiconductor LV5234V Datasheet HTML 10Page - ON Semiconductor LV5234V Datasheet HTML 11Page - ON Semiconductor LV5234V Datasheet HTML 12Page - ON Semiconductor LV5234V Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LV5234V
No.A1936-9/24
Serial Bus Communication Specifications
1) 3-wire serial bus transfer timing conditions
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Cycle time
tcy1
SCLK clock period
200
-
-
ns
Data setup time
ts0
SDEN setup time relative to the rise of SCLK
90
-
-
ns
ts1
SDATA setup time relative to the rise of SCLK
60
-
-
ns
Data hold time
th0
SDEN hold time relative to the fall of SCLK
200
-
-
ns
th1
SDATA hold time relative to the fall of SCLK
60
-
-
ns
Pulse width
tw1L
Low period pulse width of SCLK
90
-
-
ns
tw1H
High period pulse width of SCLK
90
-
-
ns
tw2L
Low period pulse width of SDEN
1
-
-
μs
Data length:
24 bits
Clock frequency: 5 MHz or less
When 24 SCLK clock signals have been input during the high period of SDEN, the SDATA is taken in at the rising edge of
SCLK.
Note: If the number of SCLK clock signals during the high period of SDEN is 23 or less, SDATA is not taken in. If it is 25 or
more, the register address is automatically incremented every time 1 byte is taken in.
The slave address is assigned by the first byte, and the register address on the serial map is specified by the next byte.
The third byte transfers the data to the address specified by the register address that was written by the second byte and if the
data subsequently continues even after this, the register address is automatically incremented for the fourth and subsequent
bytes. As a result, it is possible to send the data continuously from the specified addresses. Data of less than one byte is ignored.
However, when the address reaches 15h, in the next byte to be transferred becomes 00h.
tw2H
SA7 SA6 SA5 SA4 SA3 SA2 SA1 SA0
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
SA7
ts0
ts1
th1
tcy1
tw1L
tw1H
th0
50%
SDEN
SCLK
SDATA
0 1 0 0 0 0 1 -
0 0 0 0 0 1 1 1
SDATA
SDEN
SDATA
SDEN
Example of a write operation:
DATA1
Slave address
Register address 07h is set
Data is written into address 07h.
DATA2
DATA3
DATA
Data is written into
address 08h.
Data is written into
address 09h.
Ignore if data is
less than 1 byte.


Similar Part No. - LV5234V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
   9-channel LED Driver
More results

Similar Description - LV5234V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
   9-channel LED Driver
logo
ON Semiconductor
LV5237JA ONSEMI-LV5237JA Datasheet
418Kb / 23P
   9-channel LED Driver
November 2014 - Rev. P0
logo
Marktech Corporate
TB62781FNG MARKTECH-TB62781FNG Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
logo
Integrated Silicon Solu...
IS31FL3193-DLS2-TR ISSI-IS31FL3193-DLS2-TR Datasheet
320Kb / 13P
   9-CHANNEL LIGHT EFFECT LED DRIVER
logo
Comchip Technology
TB62781FNG COMCHIP-TB62781FNG_15 Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
logo
Integrated Silicon Solu...
IS31FL3199 ISSI-IS31FL3199 Datasheet
372Kb / 16P
   9-CHANNEL LIGHT EFFECT LED DRIVER
logo
National Semiconductor ...
DS8973 NSC-DS8973 Datasheet
83Kb / 4P
   DS8973 9-Digit LED Driver
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
[Old version datasheet]   Programmable 9-Output LED Driver
logo
Hitachi Semiconductor
HA13408 HITACHI-HA13408 Datasheet
43Kb / 8P
   9-Channel Power Driver
logo
ams AG
AS3665 AMSCO-AS3665 Datasheet
590Kb / 2P
   9 Channel Advanced Command Driven RGB/White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com