Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11852FV-TLM-E Datasheet(PDF) 9 Page - ON Semiconductor

Part # LB11852FV-TLM-E
Description  For Fan Motor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11852FV-TLM-E Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LB11852FV-TLM-E Datasheet HTML 4Page - ON Semiconductor LB11852FV-TLM-E Datasheet HTML 5Page - ON Semiconductor LB11852FV-TLM-E Datasheet HTML 6Page - ON Semiconductor LB11852FV-TLM-E Datasheet HTML 7Page - ON Semiconductor LB11852FV-TLM-E Datasheet HTML 8Page - ON Semiconductor LB11852FV-TLM-E Datasheet HTML 9Page - ON Semiconductor LB11852FV-TLM-E Datasheet HTML 10Page - ON Semiconductor LB11852FV-TLM-E Datasheet HTML 11Page - ON Semiconductor LB11852FV-TLM-E Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LB11852FV
No.A1112-9/12
2. Supplementary description of operations
By inputting the duty pulses, a feedback loop is formed inside the LB11852 IC to establish the FG period (rotational
speed of the motor) that corresponds to the control voltage of the pulses.
The operation inside the IC is as flows. pulse signals are created from the edges of the FG signals as shown in the
figure below, and using these signals as a reference, waveforms with a pulse width determined by the CR time constant
are generated using a one-shot multivibrator. These pulse waveforms are then integrated to control the duty ratio of the
pre-driver output as the control voltage.
By changing the pulse width as determined by the CR time constant, the VCTL versus rotational speed slope can be
adjusted as shown in the speed control diagram in the previous section.
However, since pulses that are determined by the CR time constant are used, the CR variations are output as-is as the
speed control error.
CTL
Signal
CTL
FG
LB11852
Closed
Feed-Back
Loop
CONTROL
SIGNAL
Speed
control block
Pre-driver
block
One-shot
multivibrator
output
RC pin
Edge pulse
FG
TRC (sec) = 1.15RC
Slope determined
by CR time
constant


Similar Part No. - LB11852FV-TLM-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11852FV SANYO-LB11852FV Datasheet
146Kb / 12P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Pre-driver with Speed Control Function
More results

Similar Description - LB11852FV-TLM-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11988 SANYO-LB11988_08 Datasheet
85Kb / 6P
   For Refrigerator Fan Motor Driver
logo
Rohm
BD62018BFS ROHM-BD62018BFS Datasheet
1Mb / 27P
   For Air-Conditioner Fan Motor 3-Phase Brushless Fan Motor Controller
21.Jan.2022 Rev.001
logo
Sanyo Semicon Device
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LB1975 SANYO-LB1975_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LV8121V SANYO-LV8121V Datasheet
230Kb / 14P
   For Fan Motor 3-phase Brushless Motor Driver
LB1991V SANYO-LB1991V_09 Datasheet
135Kb / 7P
   For Fan Motor 3-phase Brushless Motor Driver
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
Sharp Corporation
LT202A SHARP-LT202A Datasheet
30Kb / 3P
   GaAs Hall IC for Fan Motor
logo
Rohm
BH6766FVM ROHM-BH6766FVM Datasheet
313Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com