Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C44UOGT6150A8TK Datasheet(PDF) 9 Page - Kemet Corporation

Part # C44UOGT6150A8TK
Description  600 ??1,300 VDC, for DC Link
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44UOGT6150A8TK Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C44UOGT6150A8TK Datasheet HTML 2Page - Kemet Corporation C44UOGT6150A8TK Datasheet HTML 3Page - Kemet Corporation C44UOGT6150A8TK Datasheet HTML 4Page - Kemet Corporation C44UOGT6150A8TK Datasheet HTML 5Page - Kemet Corporation C44UOGT6150A8TK Datasheet HTML 6Page - Kemet Corporation C44UOGT6150A8TK Datasheet HTML 7Page - Kemet Corporation C44UOGT6150A8TK Datasheet HTML 8Page - Kemet Corporation C44UOGT6150A8TK Datasheet HTML 9Page - Kemet Corporation C44UOGT6150A8TK Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3049_C44U_RADIAL • 8/8/2016
9
Aluminum Can Power Film Capacitors
C44U Series, 600 – 1,300 VDC, for DC Link
Prototype Sample Disclaimer
The Customer acknowledges the following limitations of the prototype samples:
(1) Prototype samples are manufactured from preliminary designs and manufacturing processes; may not represent final designs; have not been
released for commercial use and are not subject to the same quality control procedures applicable to released products.
(2) Prototype samples are not qualified parts and are provided “as-is” by KEMET Electronics Corporation, which specifically disclaims any and all
warranties and guarantees, explicit or implied, including, without limitation, the warranties of merchantability and fitness for a particular purpose or use.
(3) Prototype samples are not intended for commercial use; are provided for engineering evaluation only and are not recommended for use in the
Customer’s production line.
(4) The Customer assumes the risk ofany and alluses that the Customer makes of the prototype samples.
General Disclaimer 
“All product specifications, statements, information and data given herein are believed to be accurate and reliable, but are presented without guarantee,
warranty, or responsibility of any kind, expressed or implied. Statements of suitability for certain applications are based on our knowledge of typical
operating conditions for such applications, but are not intended to constitute – and we specifically disclaim – any warranty concerning suitability for
a specific customer application or use. This Information is intended for use only by customers who have the requisite experience and capability to
determine the correct products for their application.
KEMET’s product warranty is set forth at www.kemet.com under Terms and Conditions of Sale.”


Similar Part No. - C44UOGT6150A8TK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UOGT6150A8TK KEMET-C44UOGT6150A8TK Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 150 uF, 10%, 900 V
C44UOGT6150A8TK KEMET-C44UOGT6150A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 150 uF, 10%, 900 V
More results

Similar Description - C44UOGT6150A8TK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UQGT6500F8SK KEMET-C44UQGT6500F8SK_17 Datasheet
388Kb / 9P
   C44U Series, 600 - 1,300 VDC, for DC Link
C44UHGT7110M85K KEMET-C44UHGT7110M85K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 1100 uF, 10%, 600 VDC
C44UHGT7130M86K KEMET-C44UHGT7130M86K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 1300 uF, 10%, 600 VDC
C44UHGT6900M83K KEMET-C44UHGT6900M83K Datasheet
67Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 900 uF, 10%, 600 VDC
C44UHGT7210M87K KEMET-C44UHGT7210M87K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 2100 uF, 10%, 600 VDC
C44UHGT7100M84K KEMET-C44UHGT7100M84K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 1000 uF, 10%, 600 VDC
C44UHGT6650M81K KEMET-C44UHGT6650M81K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 650 uF, 10%, 600 VDC
C44UHGT6800M82K KEMET-C44UHGT6800M82K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 800 uF, 10%, 600 VDC
C44UOGT6600M85K KEMET-C44UOGT6600M85K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 600 uF, 10%, 900 VDC
logo
Tyco Electronics
A-712T MACOM-A-712T Datasheet
67Kb / 1P
   DC Relays 600 Amps, 28 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com