Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1200 Datasheet(PDF) 11 Page - Analog Devices

Part # ADUM1200
Description  Dual-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1200 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUM1200 Datasheet HTML 7Page - Analog Devices ADUM1200 Datasheet HTML 8Page - Analog Devices ADUM1200 Datasheet HTML 9Page - Analog Devices ADUM1200 Datasheet HTML 10Page - Analog Devices ADUM1200 Datasheet HTML 11Page - Analog Devices ADUM1200 Datasheet HTML 12Page - Analog Devices ADUM1200 Datasheet HTML 13Page - Analog Devices ADUM1200 Datasheet HTML 14Page - Analog Devices ADUM1200 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADuM1200/ADuM1201
Rev. B | Page 11 of 20
DIN EN 60747-5-2 (VDE 0884 PART 2) INSULATION CHARACTERISTICS
Table 7.
Description
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I−IV
For Rated Mains Voltage ≤ 300 V rms
I−III
For Rated Mains Voltage ≤ 400 V rms
I−II
Climatic Classification
40/105/21
Pollution Degree (DIN VDE 0110, Table 1)
2
Maximum Working Insulation Voltage
VIORM
560
V peak
Input to Output Test Voltage, Method b1
VPR
1050
V peak
VIORM × 1.875 = VPR, 100% Production Test, tm = 1 sec, Partial Discharge < 5 pC
Input to Output Test Voltage, Method a
VPR
After Environmental Tests Subgroup 1
VIORM × 1.6 = VPR, tm = 60 sec, Partial Discharge < 5 pC
896
V peak
After Input and/or Safety Test Subgroup 2/3
672
VIORM × 1.2 = VPR, tm = 60 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage (Transient Overvoltage, tTR = 10 sec)
VTR
4000
V peak
Safety-Limiting Values (maximum value allowed in the event of a failure; also see the thermal
derating curve, Figure 3)
Case Temperature
TS
150
°C
Side 1 Current
IS1
160
mA
Side 2 Current
IS2
170
mA
Insulation Resistance at TS, VIO = 500 V
RS
>109
Note that the “*” marking on the package denotes DIN EN 60747-5-2 approval for a 560 V peak working voltage.
This isolator is suitable for basic isolation only within the safety limit data. Maintenance of the safety data is ensured by protective circuits.
CASE TEMPERATURE (
°C)
0
0
200
180
100
80
60
40
20
50
100
150
200
SIDE #1
SIDE #2
120
140
160
Figure 3. Thermal Derating Curve, Dependence of Safety-
Limiting Values on Case Temperature, per DIN EN 60747-5-2
RECOMMENDED OPERATING CONDITIONS
Table 8.
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
−40
+105
°C
Supply Voltages1
VDD1, VDD2
2.7
5.5
V
Input Signal Rise and Fall Times
1.0
ms
1 All voltages are relative to their respective ground. See the DC Correctness and
Magnetic Field Immunity section for information on immunity to external
magnetic fields.


Similar Part No. - ADUM1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200ARZ AD-ADuM1200ARZ Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200ARZ AD-ADuM1200ARZ Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
More results

Similar Description - ADUM1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
   Micropower, Dual-Channel Digital Isolators
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com