Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BOB5-24D3 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BOB5-24D3
Description  Isolated DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BOB5-24D3 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BOB5-24D3 Datasheet HTML 1Page - Bothhand USA, LP. BOB5-24D3 Datasheet HTML 2Page - Bothhand USA, LP. BOB5-24D3 Datasheet HTML 3Page - Bothhand USA, LP. BOB5-24D3 Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BOTHHAND
USA
E-mail:
sales@bothhandUSA.com
http://www.bothhandUSA.com
Rev:20100621A
Page 1 of 4
Isolated DC-DC Converters
BOB5 Series -- 5 Watt
Features
Wide 2 : 1 Input Voltage Range(4.5~9V,9~18V,18~36V,36~75V)
Remote On/Off
Input / Output Isolation Voltage: 1.5K Vdc
Extended Operating Temperature Range: -40°C to +85°C
Output Short Circuit Protection:
Continuous & Auto Recovery
Over Voltage Protection: Clamp Mode
Meet EN55022, Class A (Radiation)
Shielded Metal Case with Insulated Baseplate
Lead Free Design, RoHS Compliant
24pin DIP Package with Industry-Standard Footprint
Customer Design Available
Technical Specification
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output Current (mA)
Input Current (mA)
Model
Number
Input Voltage
Range
Output
Voltage
(Vdc)
Min. Load
(1)
Full. Load
No Load
Full Load
Eff .
(2)
(%)
Capacitive
Load, max.
(3) (uF)
3.3
0
1200
46
1115
75
14700
5
15
1000
8
1351
78
6900
12
0
500
42
1558
81
1660
15
0
400
65
1558
81
880
±5
0
±500
55
1351
78
2200
±12
0
±250
76
1600
79
330
BOB5-05S0
BOB5-05S1
BOB5-05S2
BOB5-05S3
BOB5-05D1
BOB5-05D2
BOB5-05D3
4.5~9V
Nominal:5Vdc
±15
0
±200
77
1579
80
330
BOB5-12S0
3.3
12
1200
21
440
79
4700
BOB5-12S1
5
0
1000
22
541
81
2630
BOB5-12S2
12
0
500
25
625
84
330
BOB5-12S3
15
0
400
27
617
85
220
BOB5-12D1
±5
0
±500
22
541
81
1100
BOB5-12D2
±12
0
±250
31
625
84
132
BOB5-12D3
9~18V
Nominal:12Vdc
±15
0
±200
32
617
85
69
BOB5-24S0
3.3
17
1200
10
223
78
3200
BOB5-24S1
5
0
1000
10
267
82
3080
BOB5-24S2
12
0
500
12
313
84
377
BOB5-24S3
15
0
400
14
313
84
230
BOB5-24D1
±5
0
±500
12
271
81
990
±12
0
±250
17
316
83
122
BOB5-24D2
BOB5-24D3
18~36V
Nominal:24Vdc
±15
0
±200
17
313
84
194
BOB5-48S0
3.3
0
1200
6
111
78
3750
BOB5-48S1
5
0
1000
6
135
81
2730
BOB5-48S2
12
0
500
7
156
84
277
BOB5-48S3
15
0
400
8
156
84
147
BOB5-48D1
±5
0
±500
7
135
81
1330
BOB5-48D2
±12
0
±250
9
156
84
230
BOB5-48D3
36~75V
Nominal:48Vdc
±15
0
±200
9
156
84
132
Description
The BOB5 Series are isolated 5W DC/DC converters. Designed
with highly efficiency, allow the operating temperature range of
these units to be -40°C to +85°C in a 24 pin DIP package with
industry-standard footprint. Further features include wide 2 : 1
input voltage range, remote on/off control, short-circuit protection
and over voltage protection.
Applications
These converters
are well suitable for battery operated
equipment, measurement equipment, telecom, wireless network,
Industry control system, everywhere where isolated, tightly
regulated voltages and compact size are required.


Similar Part No. - BOB5-24D3

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BOB5-24D3 BOTHHAND-BOB5-24D3 Datasheet
334Kb / 4P
   Isolated DC-DC Converters
BOB5-24D3W BOTHHAND-BOB5-24D3W Datasheet
352Kb / 4P
   Isolated DC-DC Converters
BOB5-24D3W BOTHHAND-BOB5-24D3W Datasheet
352Kb / 4P
   Isolated DC-DC Converters
More results

Similar Description - BOB5-24D3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com