Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B6-1212D3LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # B6-1212D3LF
Description  1.5~3W Isolated DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B6-1212D3LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  B6-1212D3LF Datasheet HTML 1Page - Bothhand USA, LP. B6-1212D3LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B6 LF Series
1.5~3W Isolated DC/DC Converter
BOTHHAND
USA
HTTP://www.bothhand
usa.com
Email: Sales@bothhan
dusa.com
9
Features:
Wide 2 : 1 Input Range
Input π- Filter
Input / Output Isolation 1.5K Vdc
Low Ripple And Noise
100% Burn-In
Regulated type
Net Weight : 12 g / 14 g Typical
24 Pin DIL Package
Custom Design Available
Technical Specification(1/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
1) 1.5 W Single Output Series
B6-123R3S1 LF
3.3
400
9
170
50
± 0.5
68
B6-1205S1 LF
5
300
9
178
50
± 0.5
70
B6-1212S1 LF
9~18
12
125
9
172
100
± 0.5
73
B6-2405S1 LF
5
300
6
87
50
± 0.5
72
B6-2412S1 LF
12
125
6
84
100
± 0.5
75
B6-2415S1 LF
18~36
15
100
6
82
120
± 0.5
77
B6-4805S1 LF
36~72
5
300
3
43
50
± 0.5
73
2) 2.0 W Single Output Series
B6-1205S2 LF
5
400
9
235
50
± 0.5
71
B6-1215S2 LF
9~18
15
134
9
226
120
± 0.5
74
B6-2405S2 LF
5
400
6
116
50
± 0.5
72
B6-2412S2 LF
12
167
6
113
100
± 0.5
74
B6-2415S2 LF
18~36
15
134
6
109
120
± 0.5
77
B6-4805S2 LF
5
400
3
57
50
± 0.5
73
B6-4812S2 LF
36~72
12
167
3
55
100
± 0.5
76
3) 3.0 W Single Output Series
B6-1205S3 LF
5
600
20
338
50
± 0.5
74
B6-1212S3 LF
9~18
12
250
25
325
100
± 0.5
77
B6-2405S3 LF
5
600
12
169
50
± 0.5
74
B6-2412S3 LF
12
250
15
162
100
± 0.5
77
B6-2415S3 LF
18~36
15
200
17
158
120
± 0.5
78
B6-4805S3 LF
5
600
7
85
50
± 0.5
74
B6-4812S3 LF
36~72
12
250
8
80
100
± 0.5
78
Mechanical Dimensions(1/2):
Metal Case Model
31 .7 5
(1 .2 5 )
φ 0.50
(0 .0 2 )
15 .2 4
(0 .60)
27 .9 4
(1 .1 0 )
20 .32
(0 .8 0 )
2.54
(0 .1 0 )
IN =9~18V dc
OU T =5V dc
B 6-1205S 2M LF
Pb
27 .63
(1 .0 9 )
16 .16
(0 .6 4 )
8.5 0
(0 .3 3 )
5.0 0
(0 .2 0 )
10 .1 6
(0 .4 0 )
3.0 5
(0 .1 2 )
P rin te d Fa ce
Botto m View
Min .
Pin
Single Output
Pin
1
+Vin
+Vin
24
2~3
NC
NC
22~23
4~9 No Pin No Pin 16~21
10
-Vo
-Vo
15
11
+Vo
+Vo
14
12
-Vin
-Vin
13
Pin
Dual Output
Pin
1
+Vin
+Vin
24
2
-Vo
-Vo
23
3
Common Common
22
4~9
No Pin
No Pin 16~21
10
Common Common
15
11
+Vo
+Vo
14
12
-Vin
-Vin
13


Similar Part No. - B6-1212D3LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B6-1212S1LF BOTHHAND-B6-1212S1LF Datasheet
196Kb / 2P
   1.5~3W Isolated DC/DC Converter
B6-1212S3LF BOTHHAND-B6-1212S3LF Datasheet
196Kb / 2P
   1.5~3W Isolated DC/DC Converter
More results

Similar Description - B6-1212D3LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BC-LF-SERIES BOTHHAND-BC-LF-SERIES Datasheet
220Kb / 2P
   1.5~3W Isolated DC/DC Converter
B5LF BOTHHAND-B5LF Datasheet
188Kb / 2P
   1.5~3W Isolated DC/DC Converter
BCLF BOTHHAND-BCLF Datasheet
220Kb / 2P
   1.5~3W Isolated DC/DC Converter
B6LF BOTHHAND-B6LF Datasheet
196Kb / 2P
   1.5~3W Isolated DC/DC Converter
B5-LF-SERIES BOTHHAND-B5-LF-SERIES Datasheet
188Kb / 2P
   1.5~3W Isolated DC/DC Converter
logo
GAPTEC Electronic GmbH ...
3S6W4 GAPTEC-3S6W4 Datasheet
859Kb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
3S8W-4.3RP GAPTEC-3S8W-4.3RP Datasheet
1Mb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
MORNSUN Science& Techno...
CWRF1215S-3W MORNSUN-CWRF1215S-3W Datasheet
994Kb / 4P
   3W,wide input isolated & regulated DC-DC converter
logo
Minmax Technology Co., ...
MIZI03 MINMAX-MIZI03 Datasheet
460Kb / 5P
   DC-DC CONVERTER 3W
logo
LinkCom Manufacturing C...
3W-DPHE LINKCOM-3W-DPHE Datasheet
454Kb / 3P
   3W DC - DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com