Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BMA1-12D1H6 Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # BMA1-12D1H6
Description  Isolated DC-DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BMA1-12D1H6 Datasheet(HTML) 3 Page - Bothhand USA, LP.

  BMA1-12D1H6 Datasheet HTML 1Page - Bothhand USA, LP. BMA1-12D1H6 Datasheet HTML 2Page - Bothhand USA, LP. BMA1-12D1H6 Datasheet HTML 3Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BOTHHAND
USA
E-mail: sales@bothhand
usa.com
http://www.bothhand
usa.com
Rev:20101213
Page 3 of 3
Isolated DC-DC Converters
BMA1 H6 Series -- 1Watt
Ordering Information
Power Derating Curve
BMA1-xxD1H6
Device Family
Input Voltage
Output Voltage:"0"For 3.3V;"1"For
5V;"A"For 9V;"2"For 12V;"3"For 15V
"A"For SIL Package;"B"For DIL Package
"S"For Single Output;"D" For Dual Output
Output Power
Isolation Voltage 6KVdc
Mechanical Dimensions
Pin Assignment
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout
Unit: mm [inch]
Tolerance: 0.xx±0.25[0.xx±0.01]
100
-40 -20
0
20
40
60
80
120
25%
50%
75%
100%
125%
85
Temperature Derating Graph
Operating Ambient Temperature(°C)


Similar Part No. - BMA1-12D1H6

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BMA1-12D1H6 BOTHHAND-BMA1-12D1H6 Datasheet
206Kb / 3P
   Isolated DC-DC Converters
More results

Similar Description - BMA1-12D1H6

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com