Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100804110001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100804110001
Description  Messerleiste R/2, 48 L철t
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100804110001 Datasheet(HTML) 1 Page - ERNI Electronics

  100804110001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15x2,54=38,1
2,54
2x2,54=5,08
2,54
S = standard
E S L
Stecklänge / mating length
E =
early mate, late break / voreilend
L = late mate, early break / nacheilend
100804110001
2:1
I
Messerleiste R/2, 48 Löt
www.ERNI.com
contact one of the ERNI companies
Male Connector R/2, 48 Löt
Information:
Tolerances
Scale
All Dimensions
A3
STVR/2
Class
Index
before using.
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
Datum
date
XXXXXXX
XXXXXXX
XXXXXXX
XXXXXXX
class
Anforderungsstufe
Stecklänge
mating length
-0,2
47,4
max.55
c16
a1
a16
c1
2,8
50
+0,1
1
44,6
+0,2
E
E
E
E
E
S
E
E
E
a
b
c
16 15 14 13 12 11 10
9 8
7 6 5
4
3
2
1
contact layout
E
E
E
E
E
E
E
E
E
E
E
E
E
E
E
S
E
E
E
E
E
E
E
E
E
E
E
E
E
E
E
E
E
E
E
E
E
E
Bestückungsplan /
E
PCB drillhole pattern
16 15 14 13 12 11 10
9 8
7 6 5
4
3
2
1
Leiterplatten-Lochbild /
Alle Löcher
all holes
0,05
=38,1
2,54
±0,1
50
1
2,8
15x
+0,1
2,54
a
b c
0,6
Lötanschluss 0,6x0,6mm /
solder terminal 0,6x0,6mm
Bauart 4 / t
ype 4
Anforderungsstufe 2 = 400 Steckzyklen
/ performance class 2 = 400 mating cycles
Fehlende Maße und Angaben nach IEC 60 603-2 / DIN EN 60 603-2
Missing information and dimensions per IEC 60 603-2 / DIN EN 60 603-2


Similar Part No. - 100804110001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100804240001 ERNI-100804240001 Datasheet
58Kb / 1P
   M 2,54 SRC-A, 6-polig
100804280001 ERNI-100804280001 Datasheet
72Kb / 1P
   Federl. SMC-B 12-SMD-BA7-13
100804480001 ERNI-100804480001 Datasheet
78Kb / 1P
   M 1,27 SRC A, 8-polig KS
100804570001 ERNI-100804570001 Datasheet
40Kb / 1P
   F 2,54 SRC-A, 2-polig BA 2
100804600001 ERNI-100804600001 Datasheet
101Kb / 1P
   Messerl. SMC-Q 26-SMD-BA8-13
More results

Similar Description - 100804110001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
101003210089 ERNI-101003210089 Datasheet
88Kb / 1P
   Messerleiste C/2 48 L철t
101704110001 ERNI-101704110001 Datasheet
89Kb / 1P
   Messerleiste C/2 48 L철t
101104110001 ERNI-101104110001 Datasheet
88Kb / 1P
   Messerleiste C/2 48 L철t
101004110001 ERNI-101004110001 Datasheet
88Kb / 1P
   Messerleiste C/2 48 L철t
354397 ERNI-354397 Datasheet
74Kb / 1P
   Messerleiste R / 2, 48 EE
100103210049 ERNI-100103210049 Datasheet
83Kb / 1P
   Messerleiste R/2, 48 LOT
374610 ERNI-374610 Datasheet
57Kb / 1P
   Messerleiste R/2, 48 LOT
374853 ERNI-374853 Datasheet
52Kb / 1P
   Messerleiste R/2, 48 THR
374612 ERNI-374612 Datasheet
53Kb / 1P
   Messerleiste R/2, 48 LOT
374852 ERNI-374852 Datasheet
56Kb / 1P
   Messerleiste R/2, 48 THR Clip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com