Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BOB3-24D1WH3 Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # BOB3-24D1WH3
Description  Isolated DC-DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BOB3-24D1WH3 Datasheet(HTML) 3 Page - Bothhand USA, LP.

  BOB3-24D1WH3 Datasheet HTML 1Page - Bothhand USA, LP. BOB3-24D1WH3 Datasheet HTML 2Page - Bothhand USA, LP. BOB3-24D1WH3 Datasheet HTML 3Page - Bothhand USA, LP. BOB3-24D1WH3 Datasheet HTML 4Page - Bothhand USA, LP. BOB3-24D1WH3 Datasheet HTML 5Page - Bothhand USA, LP. BOB3-24D1WH3 Datasheet HTML 6Page - Bothhand USA, LP. BOB3-24D1WH3 Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev:20130812A
Page 3 of 7
Isolated DC-DC Converters
BOB3WH3 Series -- 3 Watt
General Specifications
Efficiency
Nominal input
See table
Isolation voltage
Input to output
3000VDC
Isolation resistance
500VDC
10
9 Ohms min.
Isolation capacitance
270pF typ.
Switching frequency
300kHz typ.
Reliability, calculated MTBF
2.53 × 10
6 Hrs
Physical Specifications
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Silicon rubber (UL94V-0)
1.25 × 0.80 × 0.40 Inch
Dimensions
(31.75 × 20.32 × 10.16 mm)
Weight
17.2g (0.59oz) typ.
BOB3WH3Series
Power Derating Curve(5)
Ambient Temp.TA (
)
BOB3-48S1WH3
BOB3-48S1WH3
Input voltage vs. Efficiency
Output Current vs. Efficiency
45
50
55
60
65
70
75
80
85
18
24
30
36
42
48
54
60
66
75
45
50
55
60
65
70
75
80
85
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


Similar Part No. - BOB3-24D1WH3

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BOB3-24D1WH3 BOTHHAND-BOB3-24D1WH3 Datasheet
896Kb / 7P
   Isolated DC-DC Converters
More results

Similar Description - BOB3-24D1WH3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com