Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA-2415S2LF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # BA-2415S2LF
Description  2 Watt Isolated DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-2415S2LF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  BA-2415S2LF Datasheet HTML 1Page - Bothhand USA, LP. BA-2415S2LF Datasheet HTML 2Page - Bothhand USA, LP. BA-2415S2LF Datasheet HTML 3Page - Bothhand USA, LP. BA-2415S2LF Datasheet HTML 4Page - Bothhand USA, LP. BA-2415S2LF Datasheet HTML 5Page - Bothhand USA, LP. BA-2415S2LF Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BA-2 LF - Series
2 Watt Isolated DC-DC Converter
BA-1205D2 LF
5
400
22
222
60
± 10
75
BA-1209D2 LF
9
222
20
217
80
± 8
77
BA-1212D2 LF
12
167
20
217
100
± 8
77
BA-1215D2 LF
12
15
134
20
217
120
± 8
77
BA-2405D2 LF
5
400
7
111
60
± 10
75
BA-2409D2 LF
9
222
6
110
80
± 8
76
BA-2412D2 LF
12
167
6
110
100
± 8
76
BA-2415D2 LF
24
15
134
6
110
120
± 8
76
Notes:
Load regulation is for output current change from 20% to 100% Max. Load.
3 . Absolute Maximum Ratings
(Exceeding these values may damage the module. These are not continuous operating ratings)
Parameter
Condition
Min.
Typ.
Max.
Unit
5V Input Model
- 0.7
5
7.5
12V Input Model
- 0.7
12
15
Input Absolute Voltage Range
24V Input Model
- 0.7
24
30
Vdc
Max. Output Power
---
---
2
W
Output Short Circuit Duration
---
---
1.0
Second
Operation Temperature
(Ambient Temperature)
- 40
---
+ 85
Operation Temperature
(Case Surface Temperature)
Output Full Load
-40
---
+95
Storage Temperature
-55
---
+105
4 . Nominal Input/Output Electrical Specifications
(Specifications typical at Ta= +25℃
,Nominal input voltage, Rated output current unless otherwise noted)
Parameter
Condition
Min.
Typ.
Max.
Unit
5V Input Model
4.5
5
5.5
12V Input Model
10.8
12
13.2
Input Voltage Range
24V Input Model
21.6
24
26.4
Vdc
Line Regulation (Per1.0% change in input change)
---
---
1.3
Output Voltage Accuracy
---
---
± 5.0
Voltage Balance
(Dual Outputs)
---
---
± 1.0
%
Switching Frequency
---
80
---
KHz
Temperature Coefficient
Nominal Input
---
± 0.01
± 0.02
%/ ℃
Isolation Voltage
60 Second/0.5mA
1000
---
---
Vdc
Bothhand USA
http://www.bothhandusa.com
sales@bothhandusa.com


Similar Part No. - BA-2415S2LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BA-2415S2LF BOTHHAND-BA-2415S2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
More results

Similar Description - BA-2415S2LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
B9LF BOTHHAND-B9LF Datasheet
183Kb / 5P
   2 Watt Isolated DC-DC Converter
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BD-LF-SERIES BOTHHAND-BD-LF-SERIES Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
CINCON ELECTRONICS Corp...
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
   75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com