Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5275IPFP Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS5275IPFP
Description  8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5275IPFP Datasheet(HTML) 5 Page - Texas Instruments

  ADS5275IPFP Datasheet HTML 1Page - Texas Instruments ADS5275IPFP Datasheet HTML 2Page - Texas Instruments ADS5275IPFP Datasheet HTML 3Page - Texas Instruments ADS5275IPFP Datasheet HTML 4Page - Texas Instruments ADS5275IPFP Datasheet HTML 5Page - Texas Instruments ADS5275IPFP Datasheet HTML 6Page - Texas Instruments ADS5275IPFP Datasheet HTML 7Page - Texas Instruments ADS5275IPFP Datasheet HTML 8Page - Texas Instruments ADS5275IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
AC CHARACTERISCTICS
ADS5275
SBAS300 – JANUARY 2004 – REVISED NOVEMBER 2004
ELECTRICAL CHARACTERISTICS (continued)
T
MIN = -40°C and TMAX = +85°C. Typical values are at TA = 25°C, clock frequency = maximum specified, 50% clock duty
cycle, AVDD = 3.3V, LVDD = 3.3V, -1dBFS, ISET = 56k
Ω, internal voltage reference, and LVDS buffer current at 3.5mA per
channel, unless otherwise noted.
ADS5275
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Serial Clock Input Frequency
20
MHz
VIN LOW Input Low Voltage
0
0.6
V
VIN HIGH Input High Voltage
2.1
VDD
V
Input Current
±10
µA
Input Pin Capacitance
5.0
pF
T
MIN = -40°C and TMAX = +85°C. Typical values are at TA = 25°C, clock frequency = maximum specified, 50% clock duty
cycle, AVDD = 3.3V, LVDD = 3.3V, -1dBFS, internal voltage reference, and 2V
PP differential input, unless otherwise noted.
ADS5275
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
fIN = 1MHz
80
dBc
fIN = 5MHz
TBD
80
dBc
SFDR Spurious-Free Dynamic Range
fIN = 10MHz
80
dBc
fIN = 20MHz
80
dBc
fIN = 1MHz
85
dBc
fIN = 5MHz
TBD
85
dBc
HD2 2nd-Order Harmonic Distortion
fIN = 10MHz
85
dBc
fIN = 20MHz
85
dBc
fIN = 1MHz
80
dBc
fIN = 5MHz
TBD
80
dBc
HD3 3rd-Order Harmonic Distortion
fIN = 10MHz
80
dBc
fIN = 20MHz
80
dBc
fIN = 1MHz
60.5
dBFS
fIN = 5MHz
TBD
60.5
dBFS
SNR Signal-to-Noise Ratio
fIN = 10MHz
60.5
dBFS
fIN = 20MHz
60.5
dBFS
fIN = 1MHz
60
dBFS
fIN = 5MHz
TBD
60
dBFS
SINAD Signal-to-Noise and Distortion
fIN = 10MHz
60
dBFS
fIN = 20MHz
60
dBFS
ENOB Effective Number of Bits
fIN = 10MHz
9.7
Bits
Signal Applied to 7 Channels; Measurement Taken
-85
dBc
Crosstalk
on the Channel with No Input Signal
5


Similar Part No. - ADS5275IPFP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5270 TI-ADS5270 Datasheet
1Mb / 28P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5270 TI1-ADS5270 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5270 TI1-ADS5270 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS5270IPFP BURR-BROWN-ADS5270IPFP Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
More results

Similar Description - ADS5275IPFP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
   4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1126 MAXIM-MAX1126 Datasheet
790Kb / 25P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
19-3143; Rev 1; 3/04
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1126 MAXIM-MAX1126_V01 Datasheet
1Mb / 26P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
MAX1204 MAXIM-MAX1204 Datasheet
170Kb / 24P
   5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
19-1179; Rev 0; 1/97
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com