Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E4447A-111 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # E4447A-111
Description  Agilent PSA Series Spectrum Analyzers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E4447A-111 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button E4447A-111 Datasheet HTML 7Page - Agilent(Hewlett-Packard) E4447A-111 Datasheet HTML 8Page - Agilent(Hewlett-Packard) E4447A-111 Datasheet HTML 9Page - Agilent(Hewlett-Packard) E4447A-111 Datasheet HTML 10Page - Agilent(Hewlett-Packard) E4447A-111 Datasheet HTML 11Page - Agilent(Hewlett-Packard) E4447A-111 Datasheet HTML 12Page - Agilent(Hewlett-Packard) E4447A-111 Datasheet HTML 13Page - Agilent(Hewlett-Packard) E4447A-111 Datasheet HTML 14Page - Agilent(Hewlett-Packard) E4447A-111 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
10
Amplitude Specifications (continued)
Display range
Log scale
0.1 to 1 dB/division in 0.1 dB steps 1 to 20 dB/division in 1 dB steps (10 display divisions)
Linear scale
10 divisions
Scale units
dBm, dBmV, dBµV, dBmA, dBµA, V, W, A, dBµV/m, dBµA/m, dBpT, dBG
Frequency response (10 dB input attenuation, 20 to 30 °C, preselector centering applied above 3 GHz)
E4443A/E4445A/E4440A
3 Hz to 3 GHz
±0.38 dB
(±0.11 dB typical)
3 GHz to 6.6 GHz
±1.50 dB
(±0.6 dB typical)
6.6 GHz to 22 GHz
±2.00 dB
(±1.0 dB typical)
22 GHz to 26.5 GHz
±2.50 dB
(±1.3 dB typical)
E4447A/E4446A/E4448A
3 Hz to 3 GHz
±0.38 dB
(±0.15 dB typical)
3 GHz to 6.6 GHz
±1.50 dB
(±0.6 dB typical)
6.6 GHz to 22 GHz
±2.00 dB
(±1.2 dB typical)
22 GHz to 26.8 GHz
±2.50 dB
(±1.3 dB typical)
26.4 GHz to 31.15 GHz
±1.75 dB
(±0.6 dB typical)
31.15 GHz to 50 GHz
±2.50 dB
(±1.0 dB typical)
Frequency response at attenuation ≠ 10 dB
(Atten = 20, 30, or 40 dB)
10 MHz to 2.2 GHz
±0.53 dB
2.2 GHz to 3 GHz
±0.69 dB
Preamp on (Option E444xA-1DS),
(for all models)
100 kHz to 3 GHz
±0.70 dB
< (±0.30 dB typical)
Preamp on (Option E444xA-110,
0 dB input attenuation)
E4443A/E4445A/E4440A
10 MHz to 3.0 GHz
±1.0 dB
(±0.35 dB typical)
3.0 to 6.6 GHz
±1.75 dB
(±0.8 dB typical)
6.6 to 13.2 GHz
±3.0 dB
(±1.0 dB typical)
13.2 to 19 GHz
±3.0 dB
(±1.2 dB typical)
19 to 26.5 GHz
±4.0 dB
(±2.0 dB typical)
E4447A/E4446A/E4448A
10 MHz to 3.05 GHz
±1.3 dB
(±0.5 dB typical)
3.0 to 6.6 GHz
±2.5 dB
(±1.0 dB typical)
6.6 to 13.2 GHz
±2.5 dB
(±1.2 dB typical)
13.2 to 19 GHz
±3.0 dB
(±1.5 dB typical)
19 to 26.5 GHz
±4.0 dB
(±2.0 dB typical)
26.5 to 31.15 GHz
±3.0 dB
(±1.2 dB typical)
31.15 to 50 GHz
±3.5 dB
(±1.6 dB typical)
Input attenuation switching uncertainty (Attenuator setting ≥ 2 dB)
At 50 MHz
±0.18 dB
±0.053 dB typical
3 Hz to 3 GHz
±0.3 dB nominal
3 GHz to 13.2 GHz
±0.5 dB nominal
13.2 GHz to 26.5 GHz
±0.7 dB nominal
26.5 GHz to 50 GHz
±1.0 dB nominal
Total absolute amplitude accuracy (10 dB attenuation, 20 to 30 °C, 10 Hz ≤ RBW ≤ 1 MHz, input signal –10 to –50 dBm,
all settings auto-coupled except Auto Swp Time = Accy, any reference level, any scale)
At 50 MHz
±0.24 dB (±0.06 dB typical)
At all frequencies
±(0.24 dB + frequency response), ±(0.06 dB+
frequency response) typical
3 Hz to 3 GHz (95% confidence)
±0.19 dB
Preamp on (Option E444xA-1DS)
± (0.36 dB + frequency response), ±(0.09 dB+ frequency response) typical
Preamp on (Option E444xA-110)
± (0.40 dB + frequency response), ±(0.15dB + frequency response) typical


Similar Part No. - E4447A-111

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E4447A HP-E4447A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - E4447A-111

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
8560EC HP-8560EC Datasheet
370Kb / 12P
   Spectrum Analyzers
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
2650A BK-2650A Datasheet
536Kb / 8P
   Handheld Spectrum Analyzers
logo
TEKTRONIX, INC.
RSA5000 TEKTRONIX-RSA5000 Datasheet
2Mb / 54P
   Spectrum Analyzers Datasheet
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Suntan Capacitors
TS10 SUNTAN-TS10 Datasheet
310Kb / 1P
   POLYSTYRENE FILM CAPACITOR-PSA&PSR
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
N8973A KEYSIGHT-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
PA2200 KEYSIGHT-PA2200 Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
PA2203A KEYSIGHT-PA2203A Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com