Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E4440A-107 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # E4440A-107
Description  Agilent PSA Series Spectrum Analyzers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E4440A-107 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button E4440A-107 Datasheet HTML 6Page - Agilent(Hewlett-Packard) E4440A-107 Datasheet HTML 7Page - Agilent(Hewlett-Packard) E4440A-107 Datasheet HTML 8Page - Agilent(Hewlett-Packard) E4440A-107 Datasheet HTML 9Page - Agilent(Hewlett-Packard) E4440A-107 Datasheet HTML 10Page - Agilent(Hewlett-Packard) E4440A-107 Datasheet HTML 11Page - Agilent(Hewlett-Packard) E4440A-107 Datasheet HTML 12Page - Agilent(Hewlett-Packard) E4440A-107 Datasheet HTML 13Page - Agilent(Hewlett-Packard) E4440A-107 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
9
Amplitude Specifications (continued)
Displayed average noise level (DANL)
(Input terminated, sample or average detector, averaging type = Log, 20 to 30 °C) continued
Zero span and swept
normalized to 1 Hz
RBW and 0 dB
attenuation
Zero span and swept
normalized to 1 Hz
RBW and 0 dB
attenuation (typical)
FFT only actual 1 Hz
RBW 0 dB attenuation
E4447A/E4446A/E4448A
3 Hz to 1 kHz
–110 dBm nominal
1 kHz to 10 kHz
–130 dBm nominal
10 kHz to 100 kHz
–137 dBm
–141 dBm
–137 dBm
100 kHz to 1 MHz
–145 dBm
–150 dBm
–145 dBm
1 MHz to 10 MHz
–150 dBm
–155 dBm
–150 dBm
10 MHz to 1.2 GHz
–153 dBm
–154 dBm
–152 dBm
1.2 GHz to 2.1 GHz
–152 dBm
–153 dBm
–151 dBm
2.1 GHz to 3 GHz
–151 dBm
–152 dBm
–150 dBm
3 GHz to 6.6 GHz
–151 dBm
–152 dBm
–150 dBm
6.6 GHz to 13.2 GHz
–146 dBm
–149 dBm
–146 dBm
13.2 GHz to 20 GHz
–144 dBm
–146 dBm
–143 dBm
20 GHz to 22.5 GHz
–143 dBm
–146 dBm
–143 dBm
22.5 GHz to 26.8 GHz
–140 dBm
–144 dBm
–140 dBm
26.8 GHz to 31.15 GHz
–142 dBm
–145 dBm
–141 dBm
31.15 GHz to 35 GHz
–134 dBm
–136 dBm
–133 dBm
35 GHz to 38 GHz
–129 dBm
–132 dBm
–129 dBm
38 GHz to 44 GHz
–131 dBm
–134 dBm
–131 dBm
44 GHz to 49 GHz
–128 dBm
–131 dBm
–127 dBm
49 GHz to 50 GHz
–127 dBm
–130 dBm
–126 dBm
Preamp ON (Option 1DS)
100 kHz to 200 kHz
–158 dBm
–162 dBm
–157 dBm
200 kHz to 500 kHz
–158 dBm
–162 dBm
–157 dBm
500 kHz to 1 MHz
–161 dBm
–165 dBm
–160 dBm
1 MHz to 10 MHz
–167 dBm
–169 dBm
–166 dBm
10 MHz to 500 MHz
–167 dBm
–169 dBm
–167 dBm
500 MHz to 1.2 GHz
–166 dBm
–168 dBm
–166 dBm
1.2 GHz to 2.1 GHz
–165 dBm
–167 dBm
–165 dBm
2.1 GHz to 3.0 GHz
–163 dBm
–165 dBm
–163 dBm
Preamp ON (Option 110)
10 to 50 MHz
–148 dBm
–158 dBm
–148 dBm
50 to 500 MHz
–153 dBm
–164 dBm
–153 dBm
500 MHz to 1.2 GHz
–165 dBm
–168 dBm
–165 dBm
1.2 to 2.1 GHz
–165 dBm
–168 dBm
–165 dBm
2.1 to 3 GHz
–165 dBm
–167 dBm
–165 dBm
3 to 6.6 GHz
–165 dBm
–167 dBm
–165 dBm
6.6 to 13.2 GHz
–162 dBm
–165 dBm
–162 dBm
13.2 to 19 GHz
–161 dBm
–163 dBm
–161 dBm
19 to 22.5 GHz
–161 dBm
–162 dBm
–161 dBm
22.5 to 26.8 GHz
–155 dBm
–160 dBm
–155 dBm
26.8 to 31.15 GHz
–157 dBm
–161 dBm
–157 dBm
31.15 to 35 GHz
–152 dBm
–156 dBm
–152 dBm
35 to 38 GHz
–146 dBm
–150 dBm
–146 dBm
38 to 41 GHz
–146 dBm
–150 dBm
–146 dBm
41 to 44 GHz
–146 dBm
–150 dBm
–146 dBm
44 to 45 GHz
–143 dBm
–150 dBm
–143 dBm
45 to 49 GHz
–143 dBm
–146 dBm
–143 dBm
49 to 50 GHz
–140 dBm
–145 dBm
–140 dBm


Similar Part No. - E4440A-107

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E4440A HP-E4440A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - E4440A-107

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
8560EC HP-8560EC Datasheet
370Kb / 12P
   Spectrum Analyzers
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
2650A BK-2650A Datasheet
536Kb / 8P
   Handheld Spectrum Analyzers
logo
TEKTRONIX, INC.
RSA5000 TEKTRONIX-RSA5000 Datasheet
2Mb / 54P
   Spectrum Analyzers Datasheet
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Suntan Capacitors
TS10 SUNTAN-TS10 Datasheet
310Kb / 1P
   POLYSTYRENE FILM CAPACITOR-PSA&PSR
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
N8973A KEYSIGHT-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
PA2200 KEYSIGHT-PA2200 Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
PA2203A KEYSIGHT-PA2203A Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com