Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B7-1205S10LF Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # B7-1205S10LF
Description  10 To 15 Watt Isolated DC-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B7-1205S10LF Datasheet(HTML) 3 Page - Bothhand USA, LP.

  B7-1205S10LF Datasheet HTML 1Page - Bothhand USA, LP. B7-1205S10LF Datasheet HTML 2Page - Bothhand USA, LP. B7-1205S10LF Datasheet HTML 3Page - Bothhand USA, LP. B7-1205S10LF Datasheet HTML 4Page - Bothhand USA, LP. B7-1205S10LF Datasheet HTML 5Page - Bothhand USA, LP. B7-1205S10LF Datasheet HTML 6Page - Bothhand USA, LP. B7-1205S10LF Datasheet HTML 7Page - Bothhand USA, LP. B7-1205S10LF Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
B7 LF Series
10 To 15 Watt Isolated DC-DC Converter
Single / Dual Output
40
5 . General Specification
Parameter
Specification
Condition
Isolation Voltage
1500 / 3000 Vdc
Test Duration 60 Seconds / 0.5 mA
Isolation Resistance
1000 MΩ Min.
@ 500 Vdc
Operating Temperature (1)
-25
~ +
71
@ Ambient Temperature With Natural Convention
Operating Temperature (2)
-25
~ +95
@ Case Surface Temperature
Storage Temperature
-55
~ +105
---
Humidity
Up To 90 %
---
Cooling
Free Air Convection
---
Case Type
Plastic、Metal
---
6 . Ordering Information
7 . Power Derating Curve
Temperature derating graph
(
)
"M" For Metal Case; "P" For Plastic Case
"S" For Single Output, "D" For Dual Output
Output Voltage
B7-xxyySxxHM LF
Device Family
Input Voltage
Output Power
RoHS Converter Certified By SGS
Suffix "H" For Isolation Voltage 3KVdc
Nothing For Isolation Voltage 1.5KVdc
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com


Similar Part No. - B7-1205S10LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7-1205S10 BOTHHAND-B7-1205S10 Datasheet
319Kb / 3P
   10 to 15 Watt Isolated DC-DC Converter Single / Dual Output
More results

Similar Description - B7-1205S10LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B8-1212T10 BOTHHAND-B8-1212T10 Datasheet
243Kb / 2P
   10 to 15 Watt Isolated DC-DC Converter Triple Output
F7W-LF-SERIES BOTHHAND-F7W-LF-SERIES Datasheet
762Kb / 6P
   15 Watt Isolated DC-DC Converter
logo
Texas Instruments
SLTS021A TI-SLTS021A Datasheet
173Kb / 3P
[Old version datasheet]   15 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM25-1V EATON-EPM25-1V Datasheet
1Mb / 9P
   15 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
F7WLF BOTHHAND-F7WLF Datasheet
762Kb / 6P
   15 Watt Isolated DC-DC Converter
F7LF BOTHHAND-F7LF Datasheet
805Kb / 7P
   15 Watt Isolated DC-DC Converter
F7-LF-SERIES BOTHHAND-F7-LF-SERIES Datasheet
805Kb / 7P
   15 Watt Isolated DC-DC Converter
B7-123R3S10 BOTHHAND-B7-123R3S10 Datasheet
319Kb / 3P
   10 to 15 Watt Isolated DC-DC Converter Single / Dual Output
logo
Texas Instruments
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
PT3100-48V TI-PT3100-48V Datasheet
197Kb / 3P
[Old version datasheet]   15 WATT 48V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com