Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E4446A-110 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # E4446A-110
Description  Agilent PSA Series Spectrum Analyzers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E4446A-110 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button E4446A-110 Datasheet HTML 2Page - Agilent(Hewlett-Packard) E4446A-110 Datasheet HTML 3Page - Agilent(Hewlett-Packard) E4446A-110 Datasheet HTML 4Page - Agilent(Hewlett-Packard) E4446A-110 Datasheet HTML 5Page - Agilent(Hewlett-Packard) E4446A-110 Datasheet HTML 6Page - Agilent(Hewlett-Packard) E4446A-110 Datasheet HTML 7Page - Agilent(Hewlett-Packard) E4446A-110 Datasheet HTML 8Page - Agilent(Hewlett-Packard) E4446A-110 Datasheet HTML 9Page - Agilent(Hewlett-Packard) E4446A-110 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
5
Frequency Specifications (continued)
Sweep time and triggering
Range
Span = 0 Hz
1 µs to 6000 s
Span ≥ 10 Hz
1 ms to 2000 s
Accuracy
Span ≥ 10 Hz, sweep
±0.01% nominal
Span ≥ 10 Hz, FFT
±40% nominal
Span = 0 Hz
±0.01% nominal
Trigger
Free run, line, video, RF burst, external
front, external rear, frame (basic mode)
Trigger delay
Span = 0 Hz, or FFT
–150 ms to +500 ms
Span ≥ 10 Hz, swept
1 µs to 500 ms
Resolution
0.1 µs
Sweep (trace) point range
Span = 0 Hz
2 to 8192
Span ≥ 10 Hz
101 to 8192
Gated sweep
Gate length
10 µs to 500 ms
Gate delay range
0 to 500 ms
Gate delay jitter
33.3 ns p-p nominal
Gated FFT
Delay range
–150 to +500 ms
Delay resolution
100 ns or 4 digits whichever is more
Gate duration
1.83/RBW ± 2% nominal
Resolution bandwidth (RBW)
Range (–3.01 dB bandwidth)
1 Hz to 3 MHz (10% steps), 4, 5, 6, 8 MHz
Bandwidth accuracy (power) RBW range
1 Hz to 51 kHz
±0.5% (± 0.022 dB)
56 kHz to 75 kHz
±1.0% (± 0.044 dB)
82 kHz to 330 kHz
±0.5% (± 0.022 dB)
360 kHz to 1.1 MHz (< 3 GHz CF)
±1.0% (± 0.044 dB)
1.2 MHz to 2.0 MHz (< 3 GHz CF)
±0.07 dB nominal
2.2 MHz to 6.0 MHz (< 3 GHz CF)
±0.2 dB nominal
Bandwidth accuracy (–3.01 dB) RBW range
1 Hz to 1.5 MHz
±2% nominal
Selectivity (–60 dB/–3 dB)
4.1:1 nominal
EMI bandwidths (CISPR compliant)
200 Hz, 9 kHz, 120 kHz, 1 MHz
EMI bandwidths (MIL STD 461E compliant)
10 Hz, 100 Hz, 1 kHz, 10 kHz, 100 kHz, 1 MHz


Similar Part No. - E4446A-110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E4446A HP-E4446A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - E4446A-110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
8560EC HP-8560EC Datasheet
370Kb / 12P
   Spectrum Analyzers
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
2650A BK-2650A Datasheet
536Kb / 8P
   Handheld Spectrum Analyzers
logo
TEKTRONIX, INC.
RSA5000 TEKTRONIX-RSA5000 Datasheet
2Mb / 54P
   Spectrum Analyzers Datasheet
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Suntan Capacitors
TS10 SUNTAN-TS10 Datasheet
310Kb / 1P
   POLYSTYRENE FILM CAPACITOR-PSA&PSR
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
N8973A KEYSIGHT-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
PA2200 KEYSIGHT-PA2200 Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
PA2203A KEYSIGHT-PA2203A Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com